Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40CDW Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAS40CDW
Description  SMD Small Signal Diode Arrays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS40CDW Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAS40CDW Datasheet HTML 1Page - Diotec Semiconductor BAS40CDW Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS40DW, BAS40ADW, BAS40CDW, BAS40SDW
BAS40DW, BAS40ADW, BAS40CDW, BAS40SDW
SMD Small Signal Diode Arrays
SMD Kleinsignal-Dioden-Arrays
IFAV = 200 mA
VF1 < 0.715 V
Tjmax = 125°C
VRRM = 40 V
IFSM = 600 mA
Version 2018-09-19
SOT-363
Dimensions - Maße [mm]
Typical Applications
Signal processing, High-speed
switching, Polarity protection
Commercial grade
Suffix -Q: AEC-Q101 compliant 1)
Suffix -AQ: in AEC-Q101 qualification 1)
Typische Anwendungen
Signalverarbeitung, Schnelles
Schalten, Verpolschutz
Standardausführung
Suffix -Q: AEC-Q101 konform 1)
Suffix -AQ: in AEC-Q101 Qualifikation 1)
Features
Very low trr, Cj and IR
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Sehr niedriges trr, Cj und IR
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 7“
Gegurtet auf Rolle
Weight approx.
0.01 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
3
Single
Diodes
BAS40DW
1 = A1, 2 = A2, 3 = A3
4 = C3, 5 = C2, 6 = C1
Type
Code
4A
2 x 2
Common
Anode
BAS40ADW
1 = C1, 2 = C2, 3 = A3/A4
4 = C3, 5 = C4, 6 = A1/A2
Type
Code
4D
2 x 2
Common
Cathode
BAS40CDW
1 = A1, 2 = A2, 3 = C3/C4
4 = A3, 5 = A4, 6 = C1/C2
Type
Code
4C
4 in
Bridge
Config-
uration
BAS40SDW
1 = A1, 2 = C2, 3 = A4/C3
4 = A3, 5 = C4, 6 = A2/C1
Type
Code
4B
Maximum ratings 2)
Grenzwerte 2)
Total power dissipation (per package) − Gesamtverlustleistung (pro Gehäuse)
Ptot
200 mW 3)
Max. average forward current – Dauergrenzstrom
DC
IFAV
200 mA 3)
Repetitive peak forward current – Periodischer Spitzenstrom
IFRM
300 mA 3)
Non repetitive peak forward surge current – Stoßstrom-Grenzwert
tp ≤ 1 s
IFSM
600 mA
Repetitive peak reverse voltage – Periodische Spitzensperrspannung
VRRM
40 V
Reverse voltage – Sperrspannung
DC
VR
40 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55…+125°C
-55…+125°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C and per diode, unless otherwise specified – TA = 25°C und pro Diode, wenn nicht anders angegeben
3
Mounted on P.C. board with 3 mm2 copper pad per terminal − Montage auf Leiterplatte mit 3 mm2 Lötpad je Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
2.4
2 x 0.65
5
6
4
0.9±0.1
2
±0.1
Type
Code
3
2
1
5
6
4
2
1
3
5
2
1
3
6
4
5
2
1
3
6
4
5
2
1
3
6
4


Similar Part No. - BAS40CDW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS40CDW PANJIT-BAS40CDW Datasheet
123Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
logo
FutureWafer Tech Co.,Lt...
BAS40CDW FUTUREWAFER-BAS40CDW Datasheet
1Mb / 9P
Surface Mount Switching Diode
27-DEC-2021 V 2.1
logo
Guangdong Huixin Electr...
BAS40CDW HUIXIN-BAS40CDW Datasheet
378Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Chenmko Enterprise Co. ...
BAS40CDWPT CHENMKO-BAS40CDWPT Datasheet
152Kb / 2P
SCHOTTKY DIODE ARRAY VOLTAGE 40 Volts CURRENT 0.2 Ampere
More results

Similar Description - BAS40CDW

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DAN401 DIOTEC-DAN401 Datasheet
132Kb / 2P
Small Signal Diode Arrays
DAN403 DIOTEC-DAN403 Datasheet
144Kb / 2P
Small Signal Diode Arrays
DAN801 DIOTEC-DAN801 Datasheet
138Kb / 2P
Small Signal Diode Arrays
DAN803 DIOTEC-DAN803_08 Datasheet
120Kb / 2P
Small Signal Diode Arrays
DAN401 DIOTEC-DAN401_08 Datasheet
110Kb / 2P
Small Signal Diode Arrays
DAN403 DIOTEC-DAN403_08 Datasheet
126Kb / 2P
Small Signal Diode Arrays
DAN801 DIOTEC-DAN801_08 Datasheet
111Kb / 2P
Small Signal Diode Arrays
BAS16DW DIOTEC-BAS16DW_18 Datasheet
184Kb / 2P
SMD Small Signal Diode Arrays
BAS16DW DIOTEC-BAS16DW_1 Datasheet
204Kb / 2P
SMD Small Signal Diode Arrays
BAS70DW DIOTEC-BAS70DW Datasheet
219Kb / 2P
SMD Small Signal Diode Arrays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com