Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70DW Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BAS70DW
Description  SMD Small Signal Diode Arrays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS70DW Datasheet(HTML) 2 Page - Diotec Semiconductor

  BAS70DW Datasheet HTML 1Page - Diotec Semiconductor BAS70DW Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAS70DW, BAS70ADW, BAS70CDW, BAS70SDW
Characteristics 1)
Kennwerte 1)
Forward voltage
Durchlass-Spannung
2)
Tj = 25°C
IF =
1 mA
15 mA
VF
< 410 mV
< 1000 mV
Leakage current
Sperrstrom
2
)
Tj = 25°C
VR =
50 V
IR
< 100 nA
Junction capacitance
Sperrschichtkapazität
VR = 0 V, f = 1 MHz
CT
typ. 2 pF
Reverse recovery time
Sperrverzug
IF = 10 mA über/through
IR = 10 mA bis/to IR = 1 mA
trr
< 5 ns
Thermal resistance junction to ambient (per package)
Wärmewiderstand Sperrschicht – Umgebung (per Gehäuse)
RthA
< 500 K/W 3)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Valid per diode, unless otherwise specified
Gültig pro Diode, wenn nicht anders angegeben
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2%
Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
3
Mounted on 3 mm2 copper pads per terminal
Montage auf 3 mm2 Kupferbelag (Lötpads) je Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )3
Zul. Richtstrom in Abh. von der Umgebungstemp. )3
[°C]
T
A
150
100
50
0
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com