Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70CDW Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAS70CDW
Description  SMD Small Signal Diode Arrays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS70CDW Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAS70CDW Datasheet HTML 1Page - Diotec Semiconductor BAS70CDW Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS70DW, BAS70ADW, BAS70CDW, BAS70SDW
BAS70DW, BAS70ADW, BAS70CDW, BAS70SDW
SMD Small Signal Diode Arrays
SMD Kleinsignal-Dioden-Arrays
IFAV = 70 mA
VF1 < 0.410 V
Tjmax = 125°C
VRRM = 70 V
IFSM = 100 mA
Version 2018-09-19
SOT-363
Dimensions - Maße [mm]
Typical Applications
Signal processing, High-speed
switching, Polarity protection
Commercial grade
Suffix -Q: AEC-Q101 compliant 1)
Suffix -AQ: in AEC-Q101 qualification 1)
Typische Anwendungen
Signalverarbeitung, Schnelles
Schalten, Verpolschutz
Standardausführung
Suffix -Q: AEC-Q101 konform 1)
Suffix -AQ: in AEC-Q101 Qualifikation 1)
Features
Very low trr, Cj and IR
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Sehr niedriges trr, Cj und IR
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 7“
Gegurtet auf Rolle
Weight approx.
0.01 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
3
Single
Diodes
BAS70DW
1 = A1, 2 = A2, 3 = A3
4 = C3, 5 = C2, 6 = C1
Type
Code
7A
2 x 2
Common
Anode
BAS70ADW
1 = C1, 2 = C2, 3 = A3/A4
4 = C3, 5 = C4, 6 = A1/A2
Type
Code
7B
2 x 2
Common
Cathode
BAS70CDW
1 = A1, 2 = A2, 3 = C3/C4
4 = A3, 5 = A4, 6 = C1/C2
Type
Code
7C
4 in
Bridge
Config-
uration
BAS70SDW
1 = A1, 2 = C2, 3 = A4/C3
4 = A3, 5 = C4, 6 = A2/C1
Type
Code
7D
Maximum ratings 2)
Grenzwerte 2)
Total power dissipation (per package) − Gesamtverlustleistung (pro Gehäuse)
Ptot
200 mW 3)
Max. average forward current – Dauergrenzstrom
DC
IFAV
70 mA 3)
Non repetitive peak forward surge current – Stoßstrom-Grenzwert
tp ≤ 1 s
IFSM
100 mA
Repetitive peak reverse voltage – Periodische Spitzensperrspannung
VRRM
70 V
Reverse voltage – Sperrspannung
DC
VR
70 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55…+125°C
-55…+125°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C and per diode, unless otherwise specified – TA = 25°C und pro Diode, wenn nicht anders angegeben
3
Mounted on P.C. board with 3 mm2 copper pad per terminal − Montage auf Leiterplatte mit 3 mm2 Lötpad je Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
2.4
2 x 0.65
5
6
4
0.9±0.1
2
±0.1
Type
Code
3
2
1
5
6
4
2
1
3
5
2
1
3
6
4
5
2
1
3
6
4
5
2
1
3
6
4


Similar Part No. - BAS70CDW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70CDW PANJIT-BAS70CDW Datasheet
152Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS70CDW PANJIT-BAS70CDW Datasheet
173Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS70CDW-AU PANJIT-BAS70CDW-AU Datasheet
273Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
August 15,2017-REV.00
BAS70CDW-AU_R1_000A1 PANJIT-BAS70CDW-AU_R1_000A1 Datasheet
273Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
August 15,2017-REV.00
logo
Chenmko Enterprise Co. ...
BAS70CDWPT CHENMKO-BAS70CDWPT Datasheet
156Kb / 2P
SCHOTTKY DIODE ARRAY VOLTAGE 70 Volts CURRENT 70 mAmperes
More results

Similar Description - BAS70CDW

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DAN401 DIOTEC-DAN401 Datasheet
132Kb / 2P
Small Signal Diode Arrays
DAN403 DIOTEC-DAN403 Datasheet
144Kb / 2P
Small Signal Diode Arrays
DAN801 DIOTEC-DAN801 Datasheet
138Kb / 2P
Small Signal Diode Arrays
DAN803 DIOTEC-DAN803_08 Datasheet
120Kb / 2P
Small Signal Diode Arrays
DAN401 DIOTEC-DAN401_08 Datasheet
110Kb / 2P
Small Signal Diode Arrays
DAN403 DIOTEC-DAN403_08 Datasheet
126Kb / 2P
Small Signal Diode Arrays
DAN801 DIOTEC-DAN801_08 Datasheet
111Kb / 2P
Small Signal Diode Arrays
BAS16DW DIOTEC-BAS16DW_18 Datasheet
184Kb / 2P
SMD Small Signal Diode Arrays
BAS16DW DIOTEC-BAS16DW_1 Datasheet
204Kb / 2P
SMD Small Signal Diode Arrays
BAS40DW DIOTEC-BAS40DW Datasheet
216Kb / 2P
SMD Small Signal Diode Arrays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com