Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMS3Z2B4 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # MMS3Z2B4
Description  SMD Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMS3Z2B4 Datasheet(HTML) 3 Page - Diotec Semiconductor

  MMS3Z2B4 Datasheet HTML 1Page - Diotec Semiconductor MMS3Z2B4 Datasheet HTML 2Page - Diotec Semiconductor MMS3Z2B4 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MMS3Z2B4 ... MMS3Z43B
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
© Diotec Semiconductor AG
http://www.diotec.com/
3
0
2
3
4
5
6
7
8
10
[V]
V
Z
[mA]
5
15
0
10
I
Z
Zener Voltage vs. Zener current Abbruchspannung über Zenerstrom
–
2,7
3,0
3,3
3,6
3,9
4,3
4,7
5,1
5,6
6,2
6,8
7,5
8,2
9,1
10
I = 5 mA
Z
2,4
120
100
80
60
40
20
0
[%]
P
tot
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von d. Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
18
24
30
36
43
47
T = 25°C
j
I
Zmax
Zener voltage vs Zener current
Abbruchspannung über Zenerstrom
–
10
Typ. temperature coefficient vs Zener voltage
Typ. Temperaturkoeffizient in Abh. der Zener-Spg.
12
8
4
0
-4
-8
-12
a
Vz
[V]
V
Z
45
30
15
Typ. temperature drift vs Zener voltage
Typ. Temperaturdrift in Abh. der Zener-Spannung
50
40
30
20
10
0
-10
a
Vz
z
xV
[V]
V
Z
45
30
15
10
1
10-1
10-2
10
-3
[mA]
I
O
Typical Zener current vs Zener voltage
Typischer Zenerstrom über Zenerspannung
9
V
O
10
11
[V] 12
T = 25°C
j
T = -25 °C
j
T = 100°C
j
T = 75°C
j
t = 40m s
p
V = 10V
Z
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
V
F
[V] 1.4
1.0
0.8
0.6
0.4
0
[mA]
I
F
10-2
10
-1
1
10
10
2
T = 25°C
j
T = 1 25°C
j
T = -25°C
j
T = 75°C
j
10
3
102
10
1
[mA]
r
zj
I
Z
10-1
1
Typ. dynamic resistance vs Zener current
Typ. inh. diff. Widerstand in Abh. vom Zenerstrom
V = 10V
Z
10
10-2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com