Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMS3Z3B0 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMS3Z3B0
Description  SMD Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMS3Z3B0 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMS3Z3B0 Datasheet HTML 1Page - Diotec Semiconductor MMS3Z3B0 Datasheet HTML 2Page - Diotec Semiconductor MMS3Z3B0 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMS3Z2B4 ... MMS3Z43B
Characteristics
(Tj = 25°C unless otherwise specified)
Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Code
Zener voltage 1)
Zener-Spanng. 1)
IZ = 5 mA
Dynamic resistance
Inhär. diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
Reverse voltage
Sperrspannung
VR at/bei IR
Z-current 2)
Z-Strom 2)
TA = 25°C
MMS3Z...
Vzmin [V]
Vzmax [V]
IZ = 5 mA
αVZ [10-4/°C]
VR [V]
IR [µA]
IZmax [mA]
2B4
2WX
2.35
2.45
100
-3.5...0
1
50
128
2B7/-Q
2W1
2.65
2.75
100
-3.5...0
1
20
113
3B0
2W2
2.94
3.06
95
-3.5...0
1
10
102
3B3
2W3
3.23
3.37
95
-3.5...0
1
5
93
3B6
2W4
3.53
3.67
90
-3.5...0
1
5
85
3B9/-Q
2W5
3.82
3.98
90
-3.5...0
1
3
79
4B3
2W6
4.21
4.39
90
-3.5...0
1
3
71
4B7
2W7
4.61
4.79
80
-3.5...0.2
2
3
65
5B1/-Q
2W8
5.0
5.20
60
-2.7...+1.2
2
2
60
5B6/-Q
2W9
5.49
5.71
40
-2.0...+2.5
2
1
55
6B2/-Q
2WA
6.08
6.32
10
+0.4...+3.7
4
3
49
6B8/-Q
2WB
6.66
6.94
15
+1.2...+4.5
4
2
45
7B5/-Q
2WC
7.35
7.65
15
+2.5...+5.3
5
1
41
8B2/-Q
2WD
8.04
8.36
15
+3.2...+6.2
5
0.7
37
9B1
2WE
8.92
9.28
15
+3.8...+7.0
6
0.5
34
10B
2WF
9.80
10.20
20
+4.5...+8.0
7
0.2
31
11B
2WG
10.78
11.22
20
+5.4...+9.0
8
0.1
28
12B
2WH
11.76
12.24
25
+6.0...+10.0
8
0.1
26
13B
2WI
12.74
13.26
30
+7.0...+11.0
8
0.1
24
15B/-Q
2WJ
14.70
15.30
30
+9.2...+13.0
10.5
0.1
20
16B
2WK
15.68
16.32
40
+10.4...+14.0
11.2
0.1
19
18B
2WL
17.64
18.36
45
+12.4...+16.0
12.6
0.1
17
20B
2WM
19.60
20.40
55
+14.4...+18.0
14
0.1
15
22B
2WN
21.56
22.44
55
+16.4...+20.0
15.4
0.1
14
24B
2WO
23.52
24.48
70
+18.4...+22.0
16.8
0.1
13
IZ =
2mA
2mA
27B
2WP
26.46
27.54
80
+21.4...+25.3
18.9
0.1
11
30B
2WQ
29.40
30.60
80
+24.4...+29.4
21
0.1
10
33B
2WR
32.34
33.66
80
+27.4...+33.4
23.1
0.1
9
36B
2WS
35.28
36.72
90
+30.4...+37.4
25.2
0.1
9
39B
2WT
38.22
39.80
130
+33.4...+41.2
27.3
0.1
8
43B
2WU
41.16
43.84
130
+10.0...+12.0
32
0,.1
7
1
Tested with pulses tp = 5 ms – Gemessen mit Impulsen tp = 5 ms
2
Mounted on P.C. board with 3 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com