Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP340N04T4 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP340N04T4
Description  N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP340N04T4 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP340N04T4 Datasheet HTML 1Page - IXYS Corporation IXTP340N04T4 Datasheet HTML 2Page - IXYS Corporation IXTP340N04T4 Datasheet HTML 3Page - IXYS Corporation IXTP340N04T4 Datasheet HTML 4Page - IXYS Corporation IXTP340N04T4 Datasheet HTML 5Page - IXYS Corporation IXTP340N04T4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2016 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 175C40
V
V
DGR
T
J
= 25
C to 175C, R
GS = 1M
40
V
V
GSM
Transient
 15
V
I
D25
T
C = 25C
340
A
I
LRMS
Lead Current Limit, RMS
160
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
700
A
I
A
T
C = 25C
170
A
E
AS
T
C = 25C
1.2
J
I
A
T
C = 25C
340
A
E
AS
T
C = 25C
500
mJ
P
D
T
C = 25C
480
W
T
J
-55 ... +175
C
T
JM
175
C
T
stg
-55 ... +175
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque
1.13 / 10
m/lb.in
Weight
TO-220
3
g
TO-247
6
g
TrenchT4TM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Rectifier
IXTP340N04T4
IXTH340N04T4
V
DSS
= 40V
I
D25
= 340A
R
DS(on)
 1.9m
DS100699B(03/16)
Features
International Standard Packages
175°C Operating Temperature
High Current Handling Capability
Avalanche Rated
Fast Intrinsic Rectifier
Low R
DS(on)
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
DC-DC Converters & Off-Line UPS
Primary-Side Switch
High Current Switching Applications
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250A
40
V
V
GS(th)
V
DS = VGS, ID = 250A
2.0
4.0
V
I
GSS
V
GS = 15V, VDS = 0V
200 nA
I
DSS
V
DS = VDSS, VGS = 0V
5
A
T
J = 150C
750
A
R
DS(on)
V
GS = 10V, ID = 100A, Notes 1, 2
1.9 m
G D
S
TO-220AB (IXTP)
D (Tab)
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXTH)
G
S
D (Tab)
D
Preliminary Technical Information


Similar Part No. - IXTP340N04T4

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP340N04T4 ISC-IXTP340N04T4 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP340N04T4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN44N80Q3 IXYS-IXFN44N80Q3 Datasheet
129Kb / 2P
N-Channel Enhancement Mode Fast Intrinsic Rectifier Avalanche Rated
MMIX1F40N110P IXYS-MMIX1F40N110P Datasheet
184Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
MMIX2F60N50P3 IXYS-MMIX2F60N50P3 Datasheet
218Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
MMIX2F150N20T IXYS-MMIX2F150N20T Datasheet
267Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFB210N30P3 IXYS-IXFB210N30P3 Datasheet
141Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXTA140N12T2 IXYS-IXTA140N12T2 Datasheet
210Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFA26N50P3 IXYS-IXFA26N50P3 Datasheet
306Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFA14N60P3 IXYS-IXFA14N60P3 Datasheet
282Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFA36N30P3 IXYS-IXFA36N30P3 Datasheet
202Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXTA80N12T2 IXYS-IXTA80N12T2 Datasheet
203Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com