Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH340N04T4 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTH340N04T4
Description  N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH340N04T4 Datasheet(HTML) 5 Page - IXYS Corporation

  IXTH340N04T4 Datasheet HTML 1Page - IXYS Corporation IXTH340N04T4 Datasheet HTML 2Page - IXYS Corporation IXTH340N04T4 Datasheet HTML 3Page - IXYS Corporation IXTH340N04T4 Datasheet HTML 4Page - IXYS Corporation IXTH340N04T4 Datasheet HTML 5Page - IXYS Corporation IXTH340N04T4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2016 IXYS CORPORATION, All Rights Reserved
IXTP340N04T4
IXTH340N04T4
Fig. 14. Resistive Turn-on Rise Time
vs. Drain Current
52
54
56
58
60
62
64
66
160
180
200
220
240
260
280
300
320
340
ID - Amperes
TJ = 25ºC
TJ = 150ºC
RG = 3Ω , VGS = 10V
VDS = 20V
Fig. 15. Resistive Turn-on Switching Times
vs. Gate Resistance
0
100
200
300
400
500
2
4
6
8
10
12
14
16
18
RG - Ohms
0
20
40
60
80
100
t r
td(on)
TJ = 150ºC, VGS = 10V
VDS = 20V
I D = 170A
I D = 340A
Fig. 16. Resistive Turn-off Switching Times
vs. Junction Temperature
36
38
40
42
44
46
48
50
25
50
75
100
125
150
TJ - Degrees Centigrade
70
80
90
100
110
120
130
140
t f
td(off)
RG = 3Ω, VGS = 10V
VDS = 20V
I D = 340A
I D = 170A
Fig. 13. Resistive Turn-on Rise Time
vs. Junction Temperature
50
52
54
56
58
60
62
64
25
50
75
100
125
150
TJ - Degrees Centigrade
RG = 3Ω , VGS = 10V
VDS = 20V
I D = 340A
I D = 170A
Fig. 17. Resistive Turn-off Switching Times
vs. Drain Current
36
38
40
42
44
46
48
50
52
160
180
200
220
240
260
280
300
320
340
ID - Amperes
85
90
95
100
105
110
115
120
125
t f
td(off)
RG = 3Ω, VGS = 10V
VDS = 20V
TJ = 25ºC
TJ = 150ºC
Fig. 18. Resistive Turn-off Switching Times
vs. Gate Resistance
0
50
100
150
200
250
300
350
2
4
6
8
10121416
18
RG - Ohms
0
100
200
300
400
500
600
700
t f
td(off)
TJ = 150ºC, VGS = 10V
VDS = 20V
I D = 170A
I D = 340A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com