Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP10P15T Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP10P15T
Description  P-Channel Enhancement Mode Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP10P15T Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP10P15T Datasheet HTML 1Page - IXYS Corporation IXTP10P15T Datasheet HTML 2Page - IXYS Corporation IXTP10P15T Datasheet HTML 3Page - IXYS Corporation IXTP10P15T Datasheet HTML 4Page - IXYS Corporation IXTP10P15T Datasheet HTML 5Page - IXYS Corporation IXTP10P15T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
IXTY10P15T IXTA10P15T
IXTP10P15T
Fig. 14. Resistive Turn-on Rise Time vs.
Drain Current
13
14
15
16
17
18
-10
-9.5
-9
-8.5
-8
-7.5
-7
-6.5
-6
-5.5
-5
ID - Amperes
RG = 5Ω, VGS = -10V
VDS = - 75V
TJ = 25ºC
TJ = 125ºC
Fig. 15. Resistive Turn-on Switching Times vs.
Gate Resistance
0
5
10
15
20
25
30
35
40
45
5
10152025
RG - Ohms
0
5
10
15
20
25
30
35
40
45
t r
td(on) - - - -
TJ = 125ºC, VGS = -10V
VDS = - 75V
I D = -10A, - 5A
Fig. 16. Resistive Turn-off Switching Times vs.
Junction Temperature
10.5
11.0
11.5
12.0
12.5
13.0
13.5
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
32
34
36
38
40
42
44
t f
td(off) - - - -
RG = 5Ω, VGS = -10V
VDS = - 75V
I D = - 5A
I D = - 10A
Fig. 17. Resistive Turn-off Switching Times vs.
Drain Current
33
34
35
36
37
38
39
40
41
-10
-9.5
-9
-8.5
-8
-7.5
-7
-6.5
-6
-5.5
-5
ID - Amperes
10.4
10.8
11.2
11.6
12.0
12.4
12.8
13.2
13.6
t f
td(off) - - - -
RG = 5Ω, VGS = -10V
VDS = - 75V
TJ = 125ºC
TJ = 25ºC
Fig. 13. Resistive Turn-on Rise Time vs.
Junction Temperature
13
14
15
16
17
18
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 5Ω, VGS = -10V
VDS = - 75V
I D = - 5A
I D = -10A
Fig. 18. Resistive Turn-off Switching Times vs.
Gate Resistance
0
10
20
30
40
50
5
10152025
RG - Ohms
20
30
40
50
60
70
t f
td(off) - - - -
TJ = 125ºC, VGS = -10V
VDS = - 75V
I D = - 5A, -10A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com