Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBU-DF Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TBU-DF
Description  TBU High-Speed Protectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-DF Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TBU-DF Datasheet HTML 1Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 2Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 3Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 4Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 5Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 6Page - Bourns Electronic Solutions TBU-DF Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Product Dimensions
DIMENSIONS:
MM
(INCHES)
CHAMFERED
CORNER
FOR PIN 1
IDENTIFICATION
0.25 ± 0.25
(.010 ± .010)
PIN 1 INDICATOR
TOP VIEW
SIDE VIEW 1
A
B
D
K
45
6
32
1
G
J
L
F
I
H
XXXXX
YWWLL
E
C
SIDE VIEW 2
Dim.
Min.
Nom.
Max.
A
5.40
(.213)
5.50
(.217)
5.60
(.220)
B
6.40
(.252)
6.50
(.256)
6.60
(.260)
C
0.80
(.031)
0.90
(.035)
1.00
(.039)
D
0.00
(.000)
--
0.05
(.002)
E
0.20 REF.
(.008) .......F
F
1.90
(.075)
2.00
(.079)
2.10
(.083)
G
1.75
(.069)
1.85
(.073)
1.95
(.077)
H
0.65
(.026)
0.70
(.028)
0.75
(.030)
I
0.70
(.028)
0.80
(.031)
0.90
(.035)
J
0.30
(.012)
0.35
(.014)
0.40
(.016)
K
0.25
(.010)
0.30
(.012)
0.35
(.014)
L
0.75
(.030)
0.80
(.031)
0.85
(.033)
Pad #
Pin Out
1
Line 1 In/Out
2
NU (Not Used)
3
Line 1 In/Out
4
L Line 2 In/Outt
5
NU (Not Used)
6
Line 2 In/Out
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
TBU-DF Series - TBU® High-Speed Protectors
NOTES:
1. Pin 1 Indicator is laser marked; radius and location within the
Pin 1 terminal.
Pin 1 dot size: 0.500 ± 0.125 mm / (.020 ± .005 in.).
2. Pin 2 and 5 are NU (Not Used) and must be left unconnected;
do not connect to In/Out lines, do not connect to system Ground.
3. Coplanarity on exposed pads shall not exceed 0.08 mm / (.003 in.).
4. Warpage shall not exceed 0.10 mm / (.004 in.) on all surfaces.
5. Exposed tie bars at package side are not plated.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com