Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP08CL596B1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP08CL596B1
Description  LOW VOLTAGE 8-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CL596B1 Datasheet(HTML) 1 Page - STMicroelectronics

  STP08CL596B1 Datasheet HTML 1Page - STMicroelectronics STP08CL596B1 Datasheet HTML 2Page - STMicroelectronics STP08CL596B1 Datasheet HTML 3Page - STMicroelectronics STP08CL596B1 Datasheet HTML 4Page - STMicroelectronics STP08CL596B1 Datasheet HTML 5Page - STMicroelectronics STP08CL596B1 Datasheet HTML 6Page - STMicroelectronics STP08CL596B1 Datasheet HTML 7Page - STMicroelectronics STP08CL596B1 Datasheet HTML 8Page - STMicroelectronics STP08CL596B1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
February 2005
I
LOW VOLTAGE POWER SUPPLY DOWN TO
3V
I
8 CONSTANT CURRENT OUTPUT
CHANNELS
I
ADJUSTABLE OUTPUT CURRENT
THROUGH EXTERNAL RESISTOR
I
SERIAL DATA IN/PARALLEL DATA OUT
I
SERIAL OUT CHANGES STATE ON THE
FAILING EDGES OF CLOCK
I
3.3V MICRO DRIVER-ABLE
I
OUTPUT CURRENT: 15-90 mA
I
25 MHz CLOCK FREQ.
I
AVAILABLE IN HIGH THERMAL EFFICIENCY
TSSOP EXPOSED PAD
DESCRIPTION
The STP8CL596 is a monolithic, medium-voltage,
low current power 8-bit shift register designed for
LED panel display.
The
STP8CL596
contains
a
8-bit
serial-in,
parallel-out shift register that feeds a 8-bitD-type
storage register. In the output stage, sixteen
regulated current sources were designed to
provide 15-90mA constant current to drive the
LEDs.
Compared with the STPIC6C595, the device
provides
great
flexibility
and
improved
performance in LED panel system design.
Trough an external resistor, users may adjust the
STP8CL596 output current, controlling in this way
the light intensity of LEDs.
The STP8CL596 guarantees 16V output driving
capability, allowing users to connect more LEDs in
series. The high clock frequency, 25 MHz, also
satisfies the system requirement of high volume
data transmission. The 3.3V of voltage supply is
well useful for applications that interface any micro
from 3.3V to 5.5V. Compared with a standard
TSSOP package, the TSSOP exposed pad
increases heat dissipation capability by a 2.5
factor.
Table 1: Order Codes
Part Number
Temp. Range
Package
Comments
STP08CL596B1
-40°C to 125°C
DIP-16
25 part per tube
STP08CL596M
-40°C to 125°C
SO-16 (Tube)
50 parts per tube
STP08CL596MTR
-40°C to 125°C
SO-16 (Tape & Reel)
1000 parts per reel
STP08CL596TTR
-40°C to 125°C
TSSOP16 (Tape & Reel)
2500 parts per reel
STP08CL596
LOW VOLTAGE 8-BIT CONSTANT
CURRENT LED SINK DRIVER
SO-16
DIP-16
TSSOP16
Rev. 8


Similar Part No. - STP08CL596B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
8-BIT CONSTANT CURRENT LED SINK DRIVER
02-May-2005
STP08C596B1 STMICROELECTRONICS-STP08C596B1 Datasheet
553Kb / 16P
8-BIT CONSTANT CURRENT LED SINK DRIVER
02-May-2005
STP08C596M STMICROELECTRONICS-STP08C596M Datasheet
553Kb / 16P
8-BIT CONSTANT CURRENT LED SINK DRIVER
02-May-2005
STP08C596MTR STMICROELECTRONICS-STP08C596MTR Datasheet
553Kb / 16P
8-BIT CONSTANT CURRENT LED SINK DRIVER
02-May-2005
STP08C596TTR STMICROELECTRONICS-STP08C596TTR Datasheet
553Kb / 16P
8-BIT CONSTANT CURRENT LED SINK DRIVER
02-May-2005
More results

Similar Description - STP08CL596B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
8-BIT CONSTANT CURRENT LED SINK DRIVER
02-May-2005
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
22-Jul-2005
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
Low voltage 16-Bit constant current LED sink driver
21-Dec-2006
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
Low voltage 16-Bit, constant current LED sink driver
16-May-2006
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STAP16DPPS05 STMICROELECTRONICS-STAP16DPPS05 Datasheet
997Kb / 33P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com