Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP224P Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # TOP224P
Description  Three-terminal Off-line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP224P Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button TOP224P Datasheet HTML 7Page - Power Integrations, Inc. TOP224P Datasheet HTML 8Page - Power Integrations, Inc. TOP224P Datasheet HTML 9Page - Power Integrations, Inc. TOP224P Datasheet HTML 10Page - Power Integrations, Inc. TOP224P Datasheet HTML 11Page - Power Integrations, Inc. TOP224P Datasheet HTML 12Page - Power Integrations, Inc. TOP224P Datasheet HTML 13Page - Power Integrations, Inc. TOP224P Datasheet HTML 14Page - Power Integrations, Inc. TOP224P Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
C
12/97
TOP221-227
11
5.7
4.4
4.7
5.0
0.6
1.0
25
9
25
8
1.2
0.23
0.25
0.28
0.45
0.50
0.55
0.90
1.00
1.10
1.35
1.50
1.65
1.80
2.00
2.20
2.25
2.50
2.75
2.70
3.00
3.30
0.75 x
I
LIMIT(MIN)
180
S1 open
S1 open
S1 open
S1 open
S1 open
di/dt = 40 mA/
µs,
TOP221Y
T
j = 25°C
TOP221P
di/dt = 80 mA/
µs,
TOP222Y
T
j = 25°C
TOP222P
di/dt = 160 mA/
µs,
TOP223Y
T
j = 25°C
TOP223P
di/dt = 240 mA/
µs,
TOP224Y
T
j = 25°C
TOP224P
di/dt = 320 mA/
µs,
TOP225Y
T
j = 25°C
di/dt = 400 mA/
µs,
TOP226Y
T
j = 25°C
di/dt = 480 mA/
µs,
TOP227Y
T
j = 25°C
See Figure 12
T
j = 25˚C
I
C = 4 mA,
T
j = 25˚C
V
C(AR)
I
LIMIT
I
INIT
t
LEB
SHUTDOWN/AUTO-RESTART (cont.)
Auto-restart
Threshold Voltage
UV Lockout
Threshold Voltage
Auto-restart
Hysteresis Voltage
Auto-restart
Duty Cycle
Auto-restart
Frequency
Self-protection
Current Limit
Initial Current
Limit
Leading Edge
Blanking Time
CIRCUIT PROTECTION
V
V
V
%
Hz
A
A
ns
≤ 85 VAC
(Rectified Line Input)
265 VAC
(Rectified Line Input)
0.6 x
I
LIMIT(MIN)
Conditions
(Unless Otherwise Specified)
See Figure 14
SOURCE = 0 V
; T
j = -40 to 125°C
Min
Typ
Max
Parameter
Symbol
Units
TOP221-222
TOP223-227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com