Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC161CS-32F Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # XC161CS-32F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC161CS-32F Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button XC161CS-32F Datasheet HTML 68Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 69Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 70Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 71Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 72Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 73Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 74Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 75Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
XC161-32
Derivatives
Electrical Parameters
Data Sheet
70
V1.0, 2004-11
4.4.3
Testing Waveforms
Figure 17
Input Output Waveforms
Figure 18
Float Waveforms
MCD05556
0.45 V
0.8 V
2.0 V
Input Signal
(driven by tester)
Output Signal
(measured)
Hold time
Output delay
Output delay
Hold time
Output timings refer to the rising edge of CLKOUT.
Input timings are calculated from the time, when the input signal reaches
V
IH or VIL, respectively.
MCA05565
Timing
Reference
Points
V
Load + 0.1 V
V
Load - 0.1 V
V
OH - 0.1 V
V
OL + 0.1 V
For timing purposes a port pin is no longer floating when a 100 mV
change from load voltage occurs, but begins to float when a 100 mV
change from the loaded
V
OH /VOL level occurs (IOH / IOL = 20 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com