Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVFSB6C8 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVFSB6C8
Description  4-Pin Blue LED Lamp (7.6 mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVFSB6C8 Datasheet(HTML) 1 Page - TT Electronics.

  OVFSB6C8 Datasheet HTML 1Page - TT Electronics. OVFSB6C8 Datasheet HTML 2Page - TT Electronics. OVFSB6C8 Datasheet HTML 3Page - TT Electronics. OVFSB6C8 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A
04/06
Page 1 of 4
4-Pin Blue LED Lamp
(7.6 mm)
OVFSB6C8
x
Packaged in tubes
x
Compatible with automatic placement equipment
x
Compatible with infrared and vapor phase reflow solder process
x
Mono-color type
x
Pb-free
The OVFSB6C8 is designed with higher forward voltage to maximize brightness and incorporates a low-profile
lens to enhance efficient light distribution. Response time is fast and it consumes less power resulting in low
current requirements from circuit power supply. Tubular arrays replace neon in outdoor and indoor signs. This
square package allows high-density arrays to form light engines.
Applications
x
Automotive: Rear stop/turn signal lamps/truck marker lamps
x
Mood-setting Decoration and landscape lighting
x
Special decorative interior/exterior lighting
x
Special effects stage lighting
x
Illumination for signs and channel letters
Product Photo Here
Part Number
Material
Emitted Color
Flux Typ. mlm
OVFSB6C8
InGaN
Blue
850
Lens Color
Water Clear
2,3 ANODE
1,4 CATHODE
DIMENSIONS ARE IN INCHES
AND [MILLIMETERS].
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture


Similar Part No. - OVFSB6C8

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVFSB6C8 OPTEK-OVFSB6C8 Datasheet
633Kb / 5P
4-Pin Blue LED Lamp (7.6mm)
More results

Similar Description - OVFSB6C8

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
2.5 mm x 7.6 mm Rectangular LED Lamps
logo
OPTEK Technologies
OVFSB6C8 OPTEK-OVFSB6C8 Datasheet
633Kb / 5P
4-Pin Blue LED Lamp (7.6mm)
OVFSQ4C8 OPTEK-OVFSQ4C8 Datasheet
645Kb / 5P
4-Pin Red-Orange LED Lamp
logo
TT Electronics.
OVFSAAC8 TTELEC-OVFSAAC8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSB7C8 TTELEC-OVFSB7C8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSG6C8 TTELEC-OVFSG6C8 Datasheet
468Kb / 4P
4-Pin Green LED Lamp (7.6 mm)
OVFSQ4C8 TTELEC-OVFSQ4C8 Datasheet
474Kb / 4P
4-Pin Red-Orange LED Lamp (7.6 mm)
OVFSRAC8 TTELEC-OVFSRAC8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSW6C8 TTELEC-OVFSW6C8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com