Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVFSW6C8 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVFSW6C8
Description  4-Pin LED Lamp (7.6 mm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVFSW6C8 Datasheet(HTML) 1 Page - TT Electronics.

  OVFSW6C8 Datasheet HTML 1Page - TT Electronics. OVFSW6C8 Datasheet HTML 2Page - TT Electronics. OVFSW6C8 Datasheet HTML 3Page - TT Electronics. OVFSW6C8 Datasheet HTML 4Page - TT Electronics. OVFSW6C8 Datasheet HTML 5Page - TT Electronics. OVFSW6C8 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-Pin LED Lamp (7.6 mm)
OVFSxxC8
© TT electronics plc
Issue D 8/2017
Page 1
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OVFSxxC8 series is designed with higher forward voltage to maximize brightness and incorporates a low-profile lens to
enhance efficient light distribution. Response time is fast and it consumes less power resulting in low current requirements
from circuit power supply. Tubular arrays replace neon in outdoor and indoor signs. This square package allows high-density
arrays to form light engines.
Applications:
Automotive: Rear stop/turn signal lamps/truck marker lamps
Mood-setting decoration and landscape lighting
Special decorative interior/exterior lighting
Special effects stage lighting
Illumination for signs and channel letters
Traffic signals, pedestrian and walkway signs
Features:
Packaged in tubes
Compatible with automatic placement equipment
Compatible with infrared and vapor phase reflow solder process
Mono-colors
Pb-free
Part Number
Material
Emitted Color
Flux Typ. mlm
Lens Color
DIM A
Beam Angle
OVFSAAC8
AllnGaP
Amber
8000
Clear
[1.50]
.059
100°
OVFSB7C8
InGaN
Blue
2500
Clear
[1.29]
.051
70°
OVFSG7C8
InGaN
Green
8500
Clear
[1.29]
.051
70°
OVFSRAC8
AllnGaP
Red
8000
Clear
[1.50]
.059
100°
OVFSW6C8
InGaN
White
7000
Clear
[1.90]
.075
60°
DO NOT LOOK DIRECTLY
AT LED WITH
UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
RoHS


Similar Part No. - OVFSW6C8

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVFSW6C8 OPTEK-OVFSW6C8 Datasheet
684Kb / 6P
4-Pin White LED Lamp (7.6mm)
logo
TT Electronics.
OVFSW6C8 TTELEC-OVFSW6C8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSW6C8 TTELEC-OVFSW6C8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSW6C8 TTELEC-OVFSW6C8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSW6C8 TTELEC-OVFSW6C8 Datasheet
1Mb / 6P
4-Pin LED Lamp (7.6 mm)
03/2022
More results

Similar Description - OVFSW6C8

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
2.5 mm x 7.6 mm Rectangular LED Lamps
logo
OPTEK Technologies
OVFSB6C8 OPTEK-OVFSB6C8 Datasheet
633Kb / 5P
4-Pin Blue LED Lamp (7.6mm)
OVFSQ4C8 OPTEK-OVFSQ4C8 Datasheet
645Kb / 5P
4-Pin Red-Orange LED Lamp
logo
TT Electronics.
OVFSAAC8 TTELEC-OVFSAAC8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSB6C8 TTELEC-OVFSB6C8 Datasheet
475Kb / 4P
4-Pin Blue LED Lamp (7.6 mm)
OVFSG6C8 TTELEC-OVFSG6C8 Datasheet
468Kb / 4P
4-Pin Green LED Lamp (7.6 mm)
OVFSQ4C8 TTELEC-OVFSQ4C8 Datasheet
474Kb / 4P
4-Pin Red-Orange LED Lamp (7.6 mm)
OVFSRAC8 TTELEC-OVFSRAC8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSW6C8 TTELEC-OVFSW6C8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com