Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLEW1CB9 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVLEW1CB9
Description  White High-Intensity LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLEW1CB9 Datasheet(HTML) 2 Page - TT Electronics.

  OVLEW1CB9 Datasheet HTML 1Page - TT Electronics. OVLEW1CB9 Datasheet HTML 2Page - TT Electronics. OVLEW1CB9 Datasheet HTML 3Page - TT Electronics. OVLEW1CB9 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OVLEW1CB9
Issue G
08/2017
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com/optek-technology
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-40 ~ +100 ° C
Operating Temperature Range
-40 ~ +95 ° C
Reverse Voltage
5 V
Continuous Forward Current
30 mA
Peak Forward Current (10% Duty Cycle, 1 KHz)
100 mA
Power Dissipation
120 mW
Lead Soldering Temperature (3 mm from the base of the epoxy bulb / 3 seconds max).
260° C
Electrostatic Discharge Classification (JEDEC-JESD22-A114F)
Class 2
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
IV
Luminous Intensity
20,150 35,000 46,100
mcd
IF = 20 mA
VF
Forward Voltage
----
3.2
4.0
V
IF = 20 mA
IR
Reverse Current
----
----
100
µA
VR = 5 V
2 Θ½
50% Power Angle
----
15
----
deg
IF = 20 mA
x
----
0.2895
----
----
IF = 20 mA
Chromaticity Coordinates
y
----
0.2905
----
----
IF = 20 mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com