Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLEW5CB6 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVLEW5CB6
Description  White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLEW5CB6 Datasheet(HTML) 1 Page - TT Electronics.

  OVLEW5CB6 Datasheet HTML 1Page - TT Electronics. OVLEW5CB6 Datasheet HTML 2Page - TT Electronics. OVLEW5CB6 Datasheet HTML 3Page - TT Electronics. OVLEW5CB6 Datasheet HTML 4Page - TT Electronics. OVLEW5CB6 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 1 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OVLEW5CB6
x
Wide beam angle
x
High luminous intensity
x
Blue LED + yellow phosphor
x
ESD protected (±1kV, 1 time, [200pF 0 ])
The OVLEW5CB6 is a round 5 mm white high-intensity lamp with a 50°viewing angle and stand-offs. It is
designed for applications that require high luminous intensity, such as indoor and outdoor displays, marker lights
and optical indicators.
Applications
x
Indoor/outdoor displays and applications
x
Message boards
x
Store front signage
x
Indicators
Product Photo Here
Part Number
Material
Emitted Color
Intensity Typ. mcd
OVLEW5CB6
InGaN
White
1600
Lens Color
Water Clear
White High-Intensity LED Lamp
(5 mm, 50°Viewing Angle)
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture


Similar Part No. - OVLEW5CB6

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLEW5CB6 OPTEK-OVLEW5CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
More results

Similar Description - OVLEW5CB6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR5400 VISHAY-TLDR5400 Datasheet
187Kb / 6P
High Intensity LED, 5 mm Tinted Diffused
30-Aug-04
logo
Agilent(Hewlett-Packard...
HLMA-VH00 HP-HLMA-VH00 Datasheet
151Kb / 6P
T-13/4 (5 mm), Wide Viewing Angle, High Intensity LED Lamps
logo
OPTEK Technologies
OVLAW4CB6 OPTEK-OVLAW4CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (3 mm, 45째 Viewing Angle)
OVLEW1CB9 OPTEK-OVLEW1CB9 Datasheet
898Kb / 5P
White High-Intensity LED Lamp White High-Intensity LED Lamp
OVLEW3CB6 OPTEK-OVLEW3CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (5 mm, 30째 Viewing Angle)
OVLEW5CB6 OPTEK-OVLEW5CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
logo
TT Electronics.
OVLAW4CB6 TTELEC-OVLAW4CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (3 mm, 45째 Viewing Angle)
OVLAW4CB7 TTELEC-OVLAW4CB7 Datasheet
353Kb / 6P
White High-Intensity LED Lamp (3 mm, 40째 Viewing Angle)
OVLEW1CB9 TTELEC-OVLEW1CB9 Datasheet
686Kb / 4P
White High-Intensity LED Lamp
OVLEW3CB6 TTELEC-OVLEW3CB6 Datasheet
1Mb / 5P
White High-Intensity LED Lamp (5 mm, 30째 Viewing Angle)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com