Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP03218 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03218
Description  SAW Filter 140MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03218 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03218 Datasheet HTML 1Page - Golledge Electronics Ltd MP03218 Datasheet HTML 2Page - Golledge Electronics Ltd MP03218 Datasheet HTML 3Page - Golledge Electronics Ltd MP03218 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 140MHz
Model: TB0810A
Part No: MP03218
Rev No: 2
TB0810A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -40°C ~ +85°C
2. Storage Temperature: -40°C ~ +105°C
3. Input power: 10dBm
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency Fc MHz
139.92
140.0
140.08
-
Minimum Insertion loss IL dB
-
27.2
29.5
-
1dB Bandwidth MHz
14.1
14.12
-
-
3dB Bandwidth MHz
14.2
14.29
-
-
40dB Bandwidth MHz
-
15.20
15.3
-
50dB Bandwidth MHz
-
15.32
17.5
-
Passband Ripple dB
-
0.8
1.5
-
Group Delay Variation (Fc ± 7MHz) nsec
50
80
Absolute Delay usec
3.70
3.75
Ultimate Rejection dB
50
52
Temp Coefficient ppm/K
-
-23
-
-
Matching:
1. The input of the filter will be matched to 50
2. The output of the filter will be matched to 50


Similar Part No. - MP03218

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03210 GOLLEDGE-MP03210 Datasheet
64Kb / 6P
SAW Filter 2657MHz
MP03211 GOLLEDGE-MP03211 Datasheet
163Kb / 7P
SAW Filter 2040.0MHz
MP03212 GOLLEDGE-MP03212 Datasheet
56Kb / 5P
SAW Filter 638MHz
MP03213 GOLLEDGE-MP03213 Datasheet
111Kb / 7P
SAW Filter 1210MHz
More results

Similar Description - MP03218

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS13 SIPAT-LB140DS13 Datasheet
152Kb / 3P
140MHz SAW Filter
LB140DS47 SIPAT-LB140DS47 Datasheet
153Kb / 3P
140MHz SAW Filter
LBN140A05 SIPAT-LBN140A05 Datasheet
150Kb / 3P
140MHz SAW Filter
LBN140A06 SIPAT-LBN140A06 Datasheet
152Kb / 3P
140MHz SAW Filter
LBN140A19 SIPAT-LBN140A19 Datasheet
149Kb / 3P
140MHz SAW Filter
LBN140A35 SIPAT-LBN140A35 Datasheet
152Kb / 3P
140MHz SAW Filter
LBN140A38 SIPAT-LBN140A38 Datasheet
151Kb / 3P
140MHz SAW Filter
LBN140A51 SIPAT-LBN140A51 Datasheet
151Kb / 3P
140MHz SAW Filter
LBN140A74 SIPAT-LBN140A74 Datasheet
366Kb / 4P
140MHz SAW Filter
logo
Golledge Electronics Lt...
MP02644 GOLLEDGE-MP02644 Datasheet
126Kb / 6P
SAW Filter 140MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com