Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP03445 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03445
Description  SAW Filter 138.240MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03445 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03445 Datasheet HTML 1Page - Golledge Electronics Ltd MP03445 Datasheet HTML 2Page - Golledge Electronics Ltd MP03445 Datasheet HTML 3Page - Golledge Electronics Ltd MP03445 Datasheet HTML 4Page - Golledge Electronics Ltd MP03445 Datasheet HTML 5Page - Golledge Electronics Ltd MP03445 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 138.240MHz
Model: TB0820A
Part No: MP03445
Rev No: 1
TB0820A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -10°C ~ 80°C
2. Storage Temperature: -40°C ~ +85°C
3. Input Power Level: 10dBm
B. CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center Frequency
MHz
-
138.24
-
Insertion Loss IL
dB
-
25.0
26.0
Upper -0.6dB frequency
MHz
176.74
178.77
-
Lower -0.6dB frequency
MHz
-
97.78
99.74
Upper -30dB frequency
MHz
-
186.90
190.4
Lower -30dB frequency
MHz
86.08
94.80
-
Amplitude Ripple Fc ± 38.5MHz
dB
-
0.52
0.85
Amplitude Ripple at any 5MHz adjacent
segment within 77MHz
dB
-
0.3
0.5
Group delay variation at any 5MHz adjacent
segment within 77MHz
nS
-
10
20
Relative Attenuation
DC ~ 80MHz
dB
30
40
-
195 ~ 280MHz
dB
30
34
-
280 ~ 420MHz
dB
20
24
-
420 ~ 600MHz
dB
30
35
-
Source/Load Impedance
-
50
-
Temperature coefficient
ppm/°C
-
-72
-


Similar Part No. - MP03445

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03441 GOLLEDGE-MP03441 Datasheet
104Kb / 6P
SAW Filter 120.0MHz
More results

Similar Description - MP03445

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MP01898 GOLLEDGE-MP01898 Datasheet
72Kb / 6P
SAW Filter 138.240MHz
MP03454 GOLLEDGE-MP03454 Datasheet
86Kb / 6P
SAW Filter 138.240MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com