Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP04109 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP04109
Description  SAW Filter 55.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP04109 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP04109 Datasheet HTML 1Page - Golledge Electronics Ltd MP04109 Datasheet HTML 2Page - Golledge Electronics Ltd MP04109 Datasheet HTML 3Page - Golledge Electronics Ltd MP04109 Datasheet HTML 4Page - Golledge Electronics Ltd MP04109 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1
Fax: +44
www.golle
SAW Fi
Part No
A. MAXI
1. O
2. St
3. In
4. M
B. CHAR
1. Am
Center f
Insertio
-1.5dB b
-40dB b
Passba
Group
Absolut
Temp.
Source I
Load Im
460 256 100
1460 256 101
dge.com
lter 55.0M
: MP041
MUM RATI
perating tem
orage temp
put Power L
aximum DC
ACTERIST
ient Tempe
Item
requency,
n Loss, IL
bandwidth
andwidth
nd Ripple F
Delay Varia
e Delay
Coefficient
mpedance
pedance
1
MHz
09
NG:
mperature
perature r
Level : 10
C Voltage :
TICS:
erature: 2
m
Fc
Fc+/-40KH
tion Fc+/-
e
range: -4
ange: -40°
dBm
10V
5°C
z
40KHz
TB0887A
0°C to 85°
C to 85°C
Unit
MHz
dB
MHz
MHz
MHz
nsec
usec
ppm/˚C
2
Ohm
Ohm
v1
C
Min.
-
-
-
-
-
-
-
-
-
-
Ea
Ty
5
15.
0.5
1.7
0.1
120
1.5
-0.03
5
5
Golledge
aglewood P
Somerset
Mode
e.
5
4
5
7
1
0
5
36
0
0
Electronics
ark, ILMINST
, TA19 9DQ,
l: TB0887
Rev No
Max.
-
17
-
2.5
1.0
170
2.2
-
-
-
Ltd
TER
UK
7A
o:1
1


Similar Part No. - MP04109

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP041 CTS-MP041 Datasheet
133Kb / 5P
Quartz Crystal
logo
Golledge Electronics Lt...
MP04132 GOLLEDGE-MP04132 Datasheet
119Kb / 6P
SAW Filter 745.0MHz
MP04160 GOLLEDGE-MP04160 Datasheet
136Kb / 6P
SAW Filter 1649.50MHz
MP04177 GOLLEDGE-MP04177 Datasheet
61Kb / 5P
SAW Filter: 746.0MHz
More results

Similar Description - MP04109

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
Oscilent Corporation
821-IF55.0M-09C OSCILENT-821-IF55.0M-09C Datasheet
211Kb / 6P
55.0MHz IF SAW Filter 9.79 MHz Bandwidth
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com