Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9119-EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9119-EBZ
Description  RF Digital-to-Analog Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9119-EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9119-EBZ Datasheet HTML 10Page - Analog Devices AD9119-EBZ Datasheet HTML 11Page - Analog Devices AD9119-EBZ Datasheet HTML 12Page - Analog Devices AD9119-EBZ Datasheet HTML 13Page - Analog Devices AD9119-EBZ Datasheet HTML 14Page - Analog Devices AD9119-EBZ Datasheet HTML 15Page - Analog Devices AD9119-EBZ Datasheet HTML 16Page - Analog Devices AD9119-EBZ Datasheet HTML 17Page - Analog Devices AD9119-EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
AD9119/AD9129
Data Sheet
Rev. B | Page 14 of 66
IOUTFS = 28 mA, fDAC = 2.6 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
–45
–50
–55
–60
–65
–70
–75
–80
0
200
400
600
800
1000
1200
1400
fOUT (MHz)
–16dBFS
–12dBFS
–6dBFS
0dBFS
Figure 16. SFDR vs. fOUT over Digital Full Scale
–40
–50
–60
–70
–80
–90
–100
0
200
400
600
800
1000
1200
1400
fOUT (MHz)
–16dBFS
–12dBFS
–6dBFS
0dBFS
Figure 17. IMD vs. fOUT over Digital Full Scale
–30
–40
–50
–60
–70
–80
–90
0
200
400
600
800
1000
1200
1400
fOUT (MHz)
11mA
22mA
33mA
Figure 18. SFDR vs. fOUT over DAC IOUTFS
0
200
400
600
800
1000
1200
1400
fOUT (MHz)
11mA
22mA
33mA
–55
–60
–65
–70
–75
–80
–85
–90
Figure 19. IMD vs. fOUT over DAC IOUTFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com