Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9129BBCZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9129BBCZ
Description  RF Digital-to-Analog Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9129BBCZ Datasheet HTML 43Page - Analog Devices AD9129BBCZ Datasheet HTML 44Page - Analog Devices AD9129BBCZ Datasheet HTML 45Page - Analog Devices AD9129BBCZ Datasheet HTML 46Page - Analog Devices AD9129BBCZ Datasheet HTML 47Page - Analog Devices AD9129BBCZ Datasheet HTML 48Page - Analog Devices AD9129BBCZ Datasheet HTML 49Page - Analog Devices AD9129BBCZ Datasheet HTML 50Page - Analog Devices AD9129BBCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Data Sheet
AD9119/AD9129
Rev. B | Page 47 of 66
RESET
The hardware reset pin (Pin H1) is active high and resets all
registers on the device. The software reset bit in Register 0x00
(Bit 5) performs the same reset function, except that it preserves
the current contents of Register 0x00.
INTERRUPT REQUESTS
The AD9119/AD9129 can provide the host processor with an
interrupt request output signal (IRQ), indicating that one or
more of the following events has occurred:
•
One of the clock controllers has established or lost lock.
•
A parity error has occurred.
•
A sample error detection status or result is ready.
•
The FIFO is nearing an overwrite status.
The IRQ output signal is an active low output signal that is available
on the IRQ pin (Pin H2). If used, connect the output to VDD via
a 10 kΩ pull-up resistor.
Each IRQ is enabled by setting the enable bits in Register 0x03 and
Register 0x04 that have the same bit mapping as the IRQ status bits
in Registers 0x05 and Register 0x06. If an interrupt bit is not
enabled, a read request of that bit shows a direct readback of the
current state of the source. Thus, a read request of either register
shows the current state of all eight interrupts in that register,
regardless of whether each individual bit is actually enabled to
generate an interrupt. When an interrupt bit is enabled, it captures
a rising edge of the interrupt source and holds it, even if the source
subsequently returns to its zero state. It is possible, for example, for
the retimer lost interrupt enable and retimer lock interrupt enable
status bits (Register 0x03[1:0], respectively) to be set when a
controller temporarily loses lock but then reestablishes lock before
the IRQ is serviced by the host. In such a case, the host should
validate the present status of the suspect block by reading back its
current status bits. Based on the status of these bits, the host can
take appropriate action, if required.
The IRQ pin responds only to those interrupts that are enabled. To
clear an IRQ, it is necessary to write a 1b to the bit in Register 0x05
or Register 0x06 that caused the interrupt. See Figure 141 for
a detailed diagram of the interrupt circuitry.
The IRQ can also be used during the AD9119/AD9129
initialization phase after power-up to determine when the
retimer PLL and data receiver controllers achieve lock. For
example, before enabling the retimer PLL, the retimer lock
interrupt enable bit (Register 0x03[0]) can be set, and the IRQ
output signal can be monitored to determine when lock is
established, before continuing in a similar manner with the data
receiver controller. Clear the relevant lock bit, after locking, before
continuing to the next controller. When all of the controllers are
locked, set the appropriate lost lock enable bits in Register 0x03
to continuously monitor the controllers for loss of lock.
R
Q
D
WRITE 1b TO
REQUEST BIT
IRQ ENABLE
SOURCE
IRQ REQUEST
IRQ ENABLE
IRQ ENABLE
IRQ PIN
SINGLE IRQ BIT
Figure 141. Interrupt Request Circuitry
Table 15. Interrupt Request Registers
Addr (Hex)
Bit
Bit Name
Description
0x05
7
FIFO_Warn2 interrupt status
Indicates that the FIFO is within two slots of overwrite
6
FIFO_Warn1 interrupt status
Indicates that the FIFO is within one slot of overwrite
5
SPIFrmAck interrupt status
Indicates acknowledgement that the SFrmReq bit has changed from 0b to 1b
4
Reserved
Reserved
3
DLL warn interrupt status
Indicates that the DLL is close to coming unlocked and action is needed
2
DLL lock interrupt status
Indicates that the DLL is now locked
1
Retimer lost interrupt status
Indicates that the retimer PLL is no longer locked
0
Retimer lock interrupt status
Indicates that the retimer PLL is now locked
0x06
7
Reserved
Reserved
6
AED pass interrupt status
Indicates that the AED logic has captured eight valid samples
5
AED fail interrupt status
Indicates that the AED logic has detected a miscompare
4
SED fail interrupt status
Indicates that the SED logic has detected a miscompare
3
Parity error falling edge status
Indicates a parity fault due to data captured on the falling edge
2
Parity error rising edge status
Indicates a parity fault due to data captured on the rising edge
1
Reserved
Reserved
0
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com