Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9152-EBZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9152-EBZ
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152-EBZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9152-EBZ Datasheet HTML 54Page - Analog Devices AD9152-EBZ Datasheet HTML 55Page - Analog Devices AD9152-EBZ Datasheet HTML 56Page - Analog Devices AD9152-EBZ Datasheet HTML 57Page - Analog Devices AD9152-EBZ Datasheet HTML 58Page - Analog Devices AD9152-EBZ Datasheet HTML 59Page - Analog Devices AD9152-EBZ Datasheet HTML 60Page - Analog Devices AD9152-EBZ Datasheet HTML 61Page - Analog Devices AD9152-EBZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 103 page
background image
AD9152
Data Sheet
Rev. B | Page 58 of 103
Phase Adjust
Ordinarily, the I and Q channels of each DAC pair have an
angle of 90° between them. The phase adjust feature changes the
angle between the I and Q channels, which can help balance the
phase into a modulator.
−14 ≤ DegreesAdjust < 14
IQPhaseAdj = (DegreesAdjust/14) × 212
where IQPhaseAdj is a 13-bit, twos complement number.
The phase adjust is set as shown in Table 61.
Table 61. I/Q Phase Adjustment Registers
Addr.
Value
Description
0x111[4]
PHASE_ADJ_ENABLE
Set to 1 to enable phase
adjust
0x11C
PHASE_ADJ[7:0]
LSB phase adjust code
0x11D
PHASE_ADJ[12:8]
MSB phase adjust code
DC Offset
The dc offset feature individually offsets the data into the I or Q
DACs. This can be used to cancel LO leakage.
The offset is programmed individually for I and Q as a 16-bit
twos complement number in LSBs, plus a 5-bit, twos complement
number in sixteenths of an LSB, as shown in Table 62.
−215 ≤ LSBsOffset < 215 − 1
−16/16 LSB ≤ SixteenthsOffset ≤ 15/16 LSB
Table 62. DC Offset Registers
Addr.
Value
Description
0x135[0]
DC_OFFSET_ON
Set to 1 to enable dc offset
0x136
LSB_OFFSET_I[7:0]
I DAC LSB dc offset code
0x137
LSB_OFFSET_I[15:8]
I DAC MSB dc offset code
0x138
LSB_OFFSET_Q[7:0]
Q DAC LSB dc offset code
0x139
LSB_OFFSET_Q[15:8]
Q DAC MSB dc offset code
0x13A
SIXTEENTH_OFFSET_I
I DAC sub-LSB dc offset code
0x13B
SIXTEENTH_OFFSET_Q Q DAC sub-LSB dc offset code
Figure 65 shows how the DAC output currents vary as a
function of the LSBsOffset value. With the digital inputs fixed at
midscale (0x0000, twos complement data format), Figure 65
shows the nominal current of the positive node of the DAC
output, IIOUT+/IQOUT+, as the DAC offset value is swept from 0 to
65,535. Because IOUT+/QOUT+ and IOUT−/QOUT− are
complementary current outputs, the sum of IIOUT+ and IIOUT− or
IQOUT+ and IQOUT− is always 20 mA.
0x00000
0x40000
0x80000
0xC0000
0xFFFFF
5
10
15
20
5
10
15
20
0
0
DAC OFFSET VALUE
Figure 65. DAC Output Currents vs. DAC Offset Value
Coarse Group Delay Adjustment
Coarse group delay is programmed in Register 0x047. The
range of the delay is −4 DAC clock periods to +3 DAC clock
periods and the resolution is 1/2 DAC clock period. Coarse
group delay can be used for DPD loop delay adjustment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com