Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9734BBCZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD9734BBCZ
Description  1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734BBCZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9734BBCZ Datasheet HTML 56Page - Analog Devices AD9734BBCZ Datasheet HTML 57Page - Analog Devices AD9734BBCZ Datasheet HTML 58Page - Analog Devices AD9734BBCZ Datasheet HTML 59Page - Analog Devices AD9734BBCZ Datasheet HTML 60Page - Analog Devices AD9734BBCZ Datasheet HTML 61Page - Analog Devices AD9734BBCZ Datasheet HTML 62Page - Analog Devices AD9734BBCZ Datasheet HTML 63Page - Analog Devices AD9734BBCZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
S
P
S
P
VSSA
6
5
3
4
2
1
1
4
3
6
J2
R4
300
Ω
3
1
5
4
415mV COMMON
MODE VOLTAGE
400mV p–p
NOTE:
T1, T3, AND T3B ARE INSTALLED,
R6 AND R8 = 50
Ω,
R7 = DNP
R17 AND R19 = 20
Ω,
R161 AND R162 = 0
Ω,
JUMPER ADDED FROM T1 PIN 3 TO
T1 PIN 2 ON THE REV. C EVAL BOARD.
J1
VSSA;3,4,5
SMA200UP
VSSA
T3A
T3B
T3
ADTL1–12XX
ETC1–1–13
S
P NC=2
ETC1–1–13
ETC1–1–13
T2
ADT2–1T–1P
4
5
1
3
P
S NC=2
C35
C36
0.1
µF
0.1
µF
CC0603
CC0603
CC0603
CC0603
CC0603
R20
R21
R3
1k
Ω
R6
50
Ω
C26
DNP
C27
DNP
C38
1nF
C29
1nF
C28
0.1
µF
CLKP
CLKN
VDDC
VSSA
25
Ω
25
Ω
RC0603
RC0603
RC0603
RC0603
RC0603
RC0603
R7
DNP
R17
20
Ω
R161
0
Ω
R162
0
Ω
R18
DNP
R19
20
Ω
R8
50
Ω
AN LVDS SIGNAL MAY BE USED
TO DRIVE C35 AND C36 IF R20 AND R21
ARE INCREASED TO 50
Ω EACH.
R17 AND R19 CAN BE REMOVED AND T1
REPLACED WITH A 1:1 TRANSFORMER FOR
HIGHER OUTPUT AMPLITUDE IF MORE H2
IS ACCEPTABLE (TYPICALLY AT LOWER FOUT).
R17 AND R19 PRESENT A
MORE REAL LOAD TO THE
DAC WHICH IMPROVES
H2 PERFORMANCE.
T2 AND T4B ARE NOT POPULATED
T1:MINI-CIRCUITS
–3dB: 8-600MHz
–1dB: 13-300MHz
THIS CONFIGURATION PROVIDES OPTIMUM AC
PERFORMANCE FOR IF SIGNAL GENERATION.
TYPICAL SIGNAL LEVELS SHOWN FOR 50
Ω LOAD.
VSSA
VSSA
VSSA
VSSA
IN
IP
T3:M/A-COM
–1dB: 4.5-1000MHz
S
P
6
5
3
4
2
1
T4B
T1
ADT2–1T–1P
4
5
3
1
P
S NC=2
VSSA;3,4,5
SMA200UP
04862–105
T3A IS NOT POPULATED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com