Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBC Datasheet(PDF) 47 Page - Analog Devices

Part # AD9739BBC
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBC Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9739BBC Datasheet HTML 42Page - Analog Devices AD9739BBC Datasheet HTML 43Page - Analog Devices AD9739BBC Datasheet HTML 44Page - Analog Devices AD9739BBC Datasheet HTML 45Page - Analog Devices AD9739BBC Datasheet HTML 46Page - Analog Devices AD9739BBC Datasheet HTML 47Page - Analog Devices AD9739BBC Datasheet HTML 48Page - Analog Devices AD9739BBC Datasheet HTML 49Page - Analog Devices AD9739BBC Datasheet HTML 50Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
Data Sheet
AD9739
Rev. E | Page 47 of 50
RECOMMENDED START-UP SEQUENCE
Upon power-up of the AD9739, a host processor is required
to initialize and configure the AD9739 via its SPI port. Figure 74
shows a flowchart of the sequential steps required, while Table 31
and Table 32 provides more detail on the SPI register write/read
operations required to implement the flowchart steps. Note the
following:
•
A software reset is optional because the AD9739 has both
an internal POR circuit and a RESET pin.
•
The SYNC controller is optional because it is only required
to synchronize two or more devices. If synchronization is
required, validate that DCI_DEL values between devices
are sufficiently matched.
•
The mu controller must be first enabled (and in track mode)
before the data receiver controller is enabled because the
DCO output signal is derived from this circuitry.
•
A wait period is related to f
DATA periods.
•
Limit the number of attempts to lock the controllers to
three; locks typically occur on the first attempt.
•
Hardware or software interrupts can be used to monitor
the status of the controllers.
CONFIGURE
SPI PORT
SOFTWARE
RESET
WAIT A
FEW 100µs
CONFIGURE
MU CONT.
NO
YES
YES
YES
SET CLK
INPUT CMV
MU CONT.
LOCKED?
WAIT A
FEW 100µs
CONFIGURE
SYNC
CONT.
NO
SYNC CONT.
VALID?
WAIT A
FEW 100µs
CONFIGURE
Rx DATA
CONT.
NO
Rx
DATA CONT.
LOCKED?
RECONFIGURE
TxDAC FROM
DEFAULT SETTING
COMPARE
DCI_DEL
VALUES
SYNC.
ONLY
OPTIONAL
Figure 74. Flowchart for Initialization and Configuration of the AD9739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com