Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9736BBC Datasheet(PDF) 53 Page - Analog Devices

Part # AD9736BBC
Description  1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBC Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9736BBC Datasheet HTML 49Page - Analog Devices AD9736BBC Datasheet HTML 50Page - Analog Devices AD9736BBC Datasheet HTML 51Page - Analog Devices AD9736BBC Datasheet HTML 52Page - Analog Devices AD9736BBC Datasheet HTML 53Page - Analog Devices AD9736BBC Datasheet HTML 54Page - Analog Devices AD9736BBC Datasheet HTML 55Page - Analog Devices AD9736BBC Datasheet HTML 56Page - Analog Devices AD9736BBC Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
Data Sheet
AD9734/AD9735/AD9736
Rev. B | Page 53 of 72
DAC DATA SOURCES
The circuit shown in Figure 96 allows optimum data alignment
when running the AD973x at full speed. This circuit can be
easily implemented in the FPGA or ASIC used to drive the
digital input. It is important to use the DATACLK_OUT signal
because it helps to cancel some of the timing errors. In this
configuration, DATACLK_OUT generates the DDR LVDS
DATACLK_IN to drive the AD973x. The circuit aligns the
DATACLK_IN and the digital input data (DB<13:0>) as
required by the AD973x. The LVDS controller in the AD973x
uses DATACLK_IN to generate the internal DSS to capture the
incoming data in the center of the valid data window.
MUX
MUX
D1
DATACLK_OUT
FROM AD9736 (DDR)
DATACLK_IN
TO AD9736 (DDR)
DB(13:0) TO AD9736
DATA SOURCE
LOGIC 0
LOGIC 1
DATA2
DATA1
D2
Figure 96. Recommended FPGA/ASIC Configuration for Driving AD9736
Digital Inputs, 1× Mode
DATA1
DATA2
AC
AC
E
B
AB
C
D
B
D
D1
D2
DB
DATACLK_OUT+
DATACLK_IN+
Figure 97. FPGA/ASIC Timing for Driving AD973x Digital Inputs, 1× Mode
To operate in 2× mode, the circuit in Figure 96 must be
modified to include a divide-by-2 block in the path of
DATACLK_OUT. Without this additional divider, the data and
DATACLK_IN runs 2× too fast. DATACLK_OUT is always
DACCLK/2.
Contact FPGA vendors directly regarding the maximum output
data rates supported by their products.
MUX
MUX
D1
DATACLK_OUT
FROM AD9736 (DDR)
DATACLK_IN
TO AD9736 (DDR)
DB(13:0) TO AD9736
DATA SOURCE
LOGIC 1
LOGIC 0
DATA2
DATA1
D2
÷2
Figure 98. Recommended FPGA/ASIC Configuration for Driving AD9736
Digital Inputs, 2× Mode
CLK_OUT+/2
DATA2
DATA1
AC
AC
E
B
AB
C
D
B
D
D1
D2
DB
DATACLK_OUT+
DATACLK_IN+
Figure 99. FPGA/ASIC Timing for Driving AD973x Digital Inputs, 2× Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com