Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739ABBCZRL Datasheet(PDF) 17 Page - Analog Devices

Part # AD9739ABBCZRL
Description  RF Digital-to-Analog Converters
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZRL Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9739ABBCZRL Datasheet HTML 13Page - Analog Devices AD9739ABBCZRL Datasheet HTML 14Page - Analog Devices AD9739ABBCZRL Datasheet HTML 15Page - Analog Devices AD9739ABBCZRL Datasheet HTML 16Page - Analog Devices AD9739ABBCZRL Datasheet HTML 17Page - Analog Devices AD9739ABBCZRL Datasheet HTML 18Page - Analog Devices AD9739ABBCZRL Datasheet HTML 19Page - Analog Devices AD9739ABBCZRL Datasheet HTML 20Page - Analog Devices AD9739ABBCZRL Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. D | Page 17 of 64
AC (MIX-MODE)
fDAC = 2.1 GSPS, IOUTFS = 20 mA, nominal supplies, TA = 25°C, unless otherwise noted.
30
40
35
0
1000
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
100
200
300
400
500
600
700
800
900
+85°C
–40°C
+25°C
Figure 27. SFDR vs. fOUT over Temperature
40
0
1000
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
100
100
200
300
400
500
600
700
800
900
–40°C
+25°C
+85°C
Figure 28. IMD vs. fOUT over Temperature
–170
–168
–166
–164
–162
–160
–158
–156
–154
–152
–150
0
200
400
600
800
1000
100
300
500
700
900
fOUT (MHz)
+25°C
+85°C
Figure 29. Single-Tone NSD vs. fOUT over Temperature
–170
–168
–166
–164
–162
–160
–158
–156
–154
–152
–150
0
200
400
600
800
1000
100
300
500
700
900
fOUT (MHz)
+25°C
+85°C
Figure 30. Eight-Tone NSD vs. fOUT over Temperature
SPAN 54.68MHz
SWEEP 1.509s
CENTER 350MHz
#RES BW 30kHz
UPPER
FILTER
ON
ON
ON
ON
ON
dBc
–79.73
–80.21
–80.85
–81.41
–81.46
dBc
–80.51
–81.11
–81.67
–81.61
–82.19
dBm
–92.90
–93.38
–94.01
–94.58
–94.63
LOWER
dBm
–93.67
–94.27
–94.84
–94.77
–95.35
INTEG BW
3.840MHz
3.840MHz
3.840MHz
3.840MHz
3.840MHz
OFFSET FREQ
5.000MHz
10.00MHz
15.00MHz
20.00MHz
25.00MHz
CARRIER POWER
–13.167dBm/3.84MHz
ACP-IBW
–35
–45
–55
–65
–75
–85
–95
–105
–115
VBW 3kHz
–81.4dBc
–81.1dBc
–80.5dBc –13.2dBm
–80.8dBc
–80.2dBc
–79.7dBc
–81.5dBc
–81.6dBc
–82.2dBc
–81.7dBc
Figure 31. Single-Carrier WCDMA at 350 MHz, fDAC = 2457.6 MSPS
–50
–55
–60
–65
–70
–75
–80
–85
–90
0
200
400
600
800
1400
1200
1000
fOUT (MHz)
FIRST ADJ CH
FIFTH ADJ CH
SECOND ADJ CH
Figure 32. Single-Carrier WCDMA ACLR vs. fOUT at 2457.6 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com