Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000A Datasheet(PDF) 21 Page - Analog Devices

Part # LTC2000A
Description  2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2000A Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC2000A Datasheet HTML 17Page - Analog Devices LTC2000A Datasheet HTML 18Page - Analog Devices LTC2000A Datasheet HTML 19Page - Analog Devices LTC2000A Datasheet HTML 20Page - Analog Devices LTC2000A Datasheet HTML 21Page - Analog Devices LTC2000A Datasheet HTML 22Page - Analog Devices LTC2000A Datasheet HTML 23Page - Analog Devices LTC2000A Datasheet HTML 24Page - Analog Devices LTC2000A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
LTC2000A
21
2000afb
For more information www.linear.com/LTC2000A
OPERATION
16-BIT DAC
N+3
N+2
N+1
N
50Ω
IOUTP
IOUTN
50Ω
2000A F04a
CLOCK
SYNC
DBP/N[15:0]
DAP/N[15:0]
DCKIP/N
CKP/N
DAP/N[15:0]
N
N+2
N+4
N+6
N+8
N+10
DBP/N[15:0]
DCKIP/N
CKP/N
IOUTP/N
N+1
N+3
1
2
3
4
5
10 CYCLE LATENCY
6
7
8
9
10
11
N
N+1
2000A F04b
N+5
N+7
N+9
N+11
11 CYCLE LATENCY
Figure 4a. Simplified Block Diagram – Dual-Port Operation
Figure 4b. Sample Waveforms – Dual-Port Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com