Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP05960 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP05960
Description  SAW Filter 827.40MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP05960 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP05960 Datasheet HTML 1Page - Golledge Electronics Ltd MP05960 Datasheet HTML 2Page - Golledge Electronics Ltd MP05960 Datasheet HTML 3Page - Golledge Electronics Ltd MP05960 Datasheet HTML 4Page - Golledge Electronics Ltd MP05960 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 827.40MHz
Model: TB1023A
Part No: MP05960
Rev No: 1
TB1023A v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device
1. Operating temperature range: -20°C to 70°C
2. Storage temperature range: -40°C to 85°C
3. Input Power Level: 10 dBm
4. Maximum DC Voltage: 10V
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Characteristics
Value
Min.
Typ.
Max.
Center frequency MHz
-
827.4
-
Maximum Insertion loss IL dB
-
18.0
22.0
1dB Band Width MHz
4.5
5.4
-
20dB Band Width MHz
-
8.0
-
Passband Ripple at Fc ± 2.25 MHz dB
-
0.6
1.2
Absolute group Delay usec
-
0.8
-
Single Input Impedance Ω
-
50
-
Single Output Impedance Ω
-
50
-
Temperature Coefficient ppm/°C2
-
-0.036
-


Similar Part No. - MP05960

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP05961 GOLLEDGE-MP05961 Datasheet
135Kb / 6P
SAW Filter 827.40MHz
More results

Similar Description - MP05960

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MP05961 GOLLEDGE-MP05961 Datasheet
135Kb / 6P
SAW Filter 827.40MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com