Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB209AL-AA-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UB209AL-AA-S08-R
Description  BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB209AL-AA-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

  UB209AL-AA-S08-R Datasheet HTML 1Page - Unisonic Technologies UB209AL-AA-S08-R Datasheet HTML 2Page - Unisonic Technologies UB209AL-AA-S08-R Datasheet HTML 3Page - Unisonic Technologies UB209AL-AA-S08-R Datasheet HTML 4Page - Unisonic Technologies UB209AL-AA-S08-R Datasheet HTML 5Page - Unisonic Technologies UB209AL-AA-S08-R Datasheet HTML 6Page - Unisonic Technologies UB209AL-AA-S08-R Datasheet HTML 7Page - Unisonic Technologies UB209AL-AA-S08-R Datasheet HTML 8Page - Unisonic Technologies UB209AL-AA-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
UB209A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R502-940.e
TYPICAL APPLICATION CIRCUIT
EB+
EB-
1 MΩ
510 kΩ
1 MΩ
510 kΩ
1 kΩ
1 kΩ
1 kΩ
1 kΩ
1 kΩ
1 kΩ
1 MΩ
1 MΩ
CFET
DFET
CO1
DO1
CTLC1
CTLD1
VDD1
CDT1
CB1
VSS1
470 Ω
0.01 µF
0.1 µF
BAT1
470 Ω
0.1 µF
0.1 µF
470 Ω
BAT2
BAT3
CO2
DO2
CTLC2
CTLD2
VDD2
CDT2
CB2
VSS2
CO3
DO3
CTLC3
CTLD3
VDD3
CDT3
CB3
VSS3
UTC UB209A
(1)
UTC UB209A
(2)
UTC UB209A
(3)
Figure 10
Caution
1. The above constants may be changed without notice.
2. The example of connection shown above and the constant do not guarantee proper operation.
Perform thorough evaluation using the actual application to set the constant.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com