Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB209AG-AA-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UB209AG-AA-S08-R
Description  BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB209AG-AA-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UB209AG-AA-S08-R Datasheet HTML 1Page - Unisonic Technologies UB209AG-AA-S08-R Datasheet HTML 2Page - Unisonic Technologies UB209AG-AA-S08-R Datasheet HTML 3Page - Unisonic Technologies UB209AG-AA-S08-R Datasheet HTML 4Page - Unisonic Technologies UB209AG-AA-S08-R Datasheet HTML 5Page - Unisonic Technologies UB209AG-AA-S08-R Datasheet HTML 6Page - Unisonic Technologies UB209AG-AA-S08-R Datasheet HTML 7Page - Unisonic Technologies UB209AG-AA-S08-R Datasheet HTML 8Page - Unisonic Technologies UB209AG-AA-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UB209A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-940.e
SERIAL CODE LIST
Model
Code
Overcharge
Detection
Voltage
[VCU](V)
Overcharge
Release
Voltage
[VCL](V)
Cell-balanc
e Detection
Voltage
[VBU](V)
Cell-balanc
e Release
Voltage
[VBL](V)
Overdischar
ge
Detection
Voltage
[VDL](V)
Overdischar
ge Release
Voltage
[VDU](V)
Discharge
Cell-balance
Function
AA
4.100
4.000
4.050
4.000
2.50
2.70
Yes
AB
3.800
3.750
3.650
3.600
2.00
2.50
Yes
AC
3.900
3.500
3.550
3.550
2.50
2.70
Yes
AD
4.250
4.100
4.200
4.100
2.50
3.00
Yes
AE
4.000
3.900
3.950
3.900
2.50
2.70
Yes
AF
4.250
4.100
4.100
4.000
2.75
3.05
Yes
AG
3.900
3.600
3.550
3.500
2.00
2.40
Yes
AH
3.900
3.700
3.600
3.600
2.50
2.80
No
AI
4.150
4.050
3.900
3.900
3.00
3.30
Yes
AJ
4.250
4.150
4.100
4.050
2.50
2.80
Yes
UB209A
AK
4.300
4.200
4.225
4.225
2.00
2.50
Yes
MARKING
SOP-8
TSSOP-8
PIN CONFIGURATION
4
3
2
5
7
CTLD
VDD
CDT
VSS
CO
1
6
DO
8
CB
CTLC
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
CTLC
Pin for charge control
2
CTLD
Pin for discharge control
3
VDD
Connection pin for input positive power supply, for battery’s positive voltage
4
CDT
Connection pin to capacitor for overcharge detection delay, for over discharge detection
delay
5
VSS
Input pin for negative power supply, Connection pin for battery’s negative voltage
6
DO
Output pin for discharge control (Nch open drain output)
7
CO
Output pin for charge control (Nch open drain output)
8
CB
Output pin for cell-balance control (CMOS output)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com