Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB209AL-AB-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UB209AL-AB-S08-R
Description  BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB209AL-AB-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UB209AL-AB-S08-R Datasheet HTML 1Page - Unisonic Technologies UB209AL-AB-S08-R Datasheet HTML 2Page - Unisonic Technologies UB209AL-AB-S08-R Datasheet HTML 3Page - Unisonic Technologies UB209AL-AB-S08-R Datasheet HTML 4Page - Unisonic Technologies UB209AL-AB-S08-R Datasheet HTML 5Page - Unisonic Technologies UB209AL-AB-S08-R Datasheet HTML 6Page - Unisonic Technologies UB209AL-AB-S08-R Datasheet HTML 7Page - Unisonic Technologies UB209AL-AB-S08-R Datasheet HTML 8Page - Unisonic Technologies UB209AL-AB-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UB209A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R502-940.e
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL TEST CONDITIONS
MIN
TYP
MAX
UNIT
Test
circuit
Overcharge Detection Voltage
VCU
VCU -0.05
VCU
VCU +0.05
V
1
Overcharge Release Voltage
VCL
VCL-0.05
VCL
VCL+0.05
V
1
Cell-balance Detection Voltage
VBU
VBU-0.05
VBU
VBU+0.05
V
1
Cell-balance Release Voltage
VBL
VBL-0.05
VBL
VBL+0.05
V
1
Over Discharge Detection
Voltage
VDL
VDL-0.10
VDL
VDL+0.10
V
1
Over Discharge Release
Voltage
VDU
VDU-0.10
VDU
VDU+0.10
V
1
Detection Delay Time (Note 1)
tDET
CCDT=0.01µF
50
100
150
ms
2
Release Delay Time
tREL
CCDT=0.01µF
5
10
15
ms
2
CDT Pin Detection Voltage
VCDET
VDS=3.5V
VDS×0.65
VDS×0.70
VDS×0.75
V
3
Operating Voltage Between
VDD and VSS
VDSOP
Output Voltage of CO,
DO, CB Fixed
1.5
8.0
V
CTLC Pin H Voltage
VCTLCH VDS=3.5V
VDS×0.55
VDS×0.90
V
4
CTLD Pin H Voltage
VCTLDH VDS=3.5V
VDS×0.55
VDS×0.90
V
4
CTLC Pin L Voltage
VCTLCL VDS=3.5V
VDS×0.10
VDS×0.45
V
4
CTLD Pin L Voltage
VCTLDL VDS=3.5V
VDS×0.10
VDS×0.45
V
4
Current Consumption During
Operation (Note 2)
IOPE
VDS=3.5V
3.5
8.0
µA
5
Source Current CTLC (Note 2)
ICTLCH
VDS=3.5V, VCTLC=0V
200
400
600
nA
6
Source Current CTLD (Note 2)
ICTLDH
VDS=3.5V, VCTLD=0V
200
400
600
nA
6
Source Current CB
ICBH
VCB=4.0V, VDS=4.5V
30
µA
7
Sink Current CB
ICBL
VCB=0.5V, VDS=3.5V
30
µA
7
Sink Current CO
ICOL
VCO=0.5V, VDS=3.5V
30
µA
7
Leakage Current CO
ICOH
VCO=18V, VDS=4.5V
0.2
µA
8
Sink Current DO
IDOL
VDO=0.5V, VDS=3.5V
30
µA
7
Leakage Current DO
IDOH
VDO=18 V, VDS=1.8V
0.2
µA
8
Notes: 1. In the UTC UB209A Series, users are able to set delay time for the output pins. By using the following
formula, delay time is calculated with the value of CDT pin’s resistance in the IC (RCDT) and the value of
capacitor set externally at the CDT pin (CCDT).
tD [s]=-ln(1-VCDET /VDS)×CCDT [µF]×RCDT [MΩ]
=-ln (1-0.7(Typ.) )×CCDT [µF]×8.31MΩ (Typ.)
=10.0MΩ(Typ.)×CCDT [µF]
In case of the capacitance of CDT pin CCDT=0.01µF, the output pin delay time tD is calculated by using the
above formula and as follows.
tD [s]=10.0MΩ(Typ.)×0.01µF=0.1s(Typ.)
Test the CDT pin detection voltage (VCDET) by test circuits shown in this datasheet after applying the power
supply while pulling-down the CTLC, CTLD pins to the level of VSS pin outside the IC.
2. In case of using CTLC, CTLD pins pulled-down to the level of VSS pin externally, the current flows into the
VDD pin (IDD) is calculated by the following formula.
IDD=IOPE+ICTLCH+ICTLDH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com