Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB211CG-AB-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UB211CG-AB-AF5-R
Description  1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB211CG-AB-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UB211CG-AB-AF5-R Datasheet HTML 1Page - Unisonic Technologies UB211CG-AB-AF5-R Datasheet HTML 2Page - Unisonic Technologies UB211CG-AB-AF5-R Datasheet HTML 3Page - Unisonic Technologies UB211CG-AB-AF5-R Datasheet HTML 4Page - Unisonic Technologies UB211CG-AB-AF5-R Datasheet HTML 5Page - Unisonic Technologies UB211CG-AB-AF5-R Datasheet HTML 6Page - Unisonic Technologies UB211CG-AB-AF5-R Datasheet HTML 7Page - Unisonic Technologies UB211CG-AB-AF5-R Datasheet HTML 8Page - Unisonic Technologies UB211CG-AB-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UB211C
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R502-482.d
ABSOLUTE MAXIMUM RATING (VSS=0V, TA=25°С unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage Between VDD and VSS (Note2)
VDD
VSS-0.3 ~ VSS+12
V
CO Output Pin Voltage
VCO
VDD-12 ~ VDD+0.3
V
DO Output Pin Voltage
VDO
VSS-0.3 ~ VDD+0.3
V
VM Input Pin Voltage
VM
VDD-14 ~ VDD+0.3
V
Ambient Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-55 ~ +125
°С
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse (μsec) noise exceeding the above input voltage (VSS+12V) may cause damage to the IC.
ELECTRICAL CHARACTERISTICS (VSS=0V, Ta=25°С unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT CONSEMPTION
Supply Current
IOPE
VDD=3.5V, VM=0V
3.0
8.0
μA
Power-Down Current
IPDN
VDD=VM=1.5V
0.2
0.5
μA
OPERATING VOLTAGE
Operating Voltage Between VDD-pin and
VSS-pin
VDS1
1.5
8
V
Operating Voltage Between VDD-pin and
VM-pin
VDS2
1.5
10
V
DETECTION VOLTAGE
Overcharge Detection Voltage
VCU
VCU-0.040
VCU
VCU+0.040
V
VCL≠VCU
VCL-0.050
VCL
VCL+0.050
V
Overcharge Release Voltage
VCL
VCL=VCU
VCL-0.040
VCL
VCL+0.040
V
Overdischarge Detection Voltage
VDL
VDL-0.080
VDL
VDL+0.080
V
VDU≠VDL
VDU-0.100
VDU
VDU+0.100
V
Overdischarge Release Voltage
VDU
VDU=VDL
VDU-0.080
VDU
VDU+0.080
V
Discharge Over Current Detection Voltage
VDIOV VDD=3.0V
VDIOV-0.03 VDIOV VDIOV+0.03 V
Discharge Short Circuit Detection Voltage
VSHORT VDD=3.0V
0..30
0.50
0.70
V
Charge Over Current Detection Voltage
VCIOV
-0.18
-0.10
-0.02
V
Charger Detection Voltage
VCHA
VDU≠VDL
-1.2
-0.7
-0.2
V
0V BATTERY CHARGE VOLTAGE
0V Battery Charge Inhibition Battery Voltage
V0INH
1.8
V
INTERNAL RESISTANCE
Resistance between VM-pin and VSS-pin
RVMD
VDD=1.8V, VM=0V
100
300
900
kΩ
Resistance between VM-pin and VDD-pin
RVMD
VDD=3.5V, VM=1.0V
10
30
70
kΩ
OUTPUT RESISTANCE
CO-pin Resistance “H”
RCOH
VCO=3.0V, VDD=3.5V, VM=0V
5
10
kΩ
CO-pin Resistance “L”
RCOL
VCO=0.5V, VDD=4.5V, VM=0V
5
10
kΩ
DO-pin Resistance “H”
RDOH
VDO=3.0V, VDD=3.5V, VM=0V
5
10
kΩ
DO-pin Resistance “L”
RDOL
VDO=0.5V, VDD=VM=1.8V
5
10
kΩ
DELAY TIME
Overcharge Detection Delay Time
tCU
0.9
1.2
1.5
s
Overdischarge Detection Delay Time
tDL
110
150
190
ms
Discharge Over Current Detection
Delay Time
tDIOV
VDD=3.0V
6
9
12
ms
Discharge Short Circuit Detection Delay
Time
tSHORT VDD=3.0V
120
300
380
µs
Charge Over Current Detection Delay
Time
tCIOV
6
9
12
ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com