Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US209BL-AC-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US209BL-AC-S08-R
Description  BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US209BL-AC-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US209BL-AC-S08-R Datasheet HTML 1Page - Unisonic Technologies US209BL-AC-S08-R Datasheet HTML 2Page - Unisonic Technologies US209BL-AC-S08-R Datasheet HTML 3Page - Unisonic Technologies US209BL-AC-S08-R Datasheet HTML 4Page - Unisonic Technologies US209BL-AC-S08-R Datasheet HTML 5Page - Unisonic Technologies US209BL-AC-S08-R Datasheet HTML 6Page - Unisonic Technologies US209BL-AC-S08-R Datasheet HTML 7Page - Unisonic Technologies US209BL-AC-S08-R Datasheet HTML 8Page - Unisonic Technologies US209BL-AC-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UB209B
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-943.c
BATTERY PROTECTION
IC WITH CELL-BALANCE
FUNCTION
DESCRIPTION
The UTC UB209B Series is a protection IC for
lithium-ion/lithium
polymer
rechargeable
batteries,
including a high precision voltage detection circuit and a
delay circuit.
The UTC UB209B Series has a transmission function
and two types of cell-balance function so that users are
also able to configure a protection circuit with series
multi-cell.
FEATURES
* Settable delay time by external capacitor for output pin
* High-accuracy voltage detection circuit
* Two types of cell-balance function: charge/discharge
* Control charging, discharging, cell-balance by CTLC,
CTLD pins
* Low current consumption: 8.0µA max
* Wide range of operation temperature (-40°C~+85°C)
TSSOP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UB209BL-xx-S08-R
UB209BG-xx-S08-R
SOP-8
Tape Reel
UB209BL-xx-P08-R
UB209BG-xx-P08-R
TSSOP-8
Tape Reel
Note: xx: Output Voltage, refer SERIAL CODE LIST.
UB209BG-xx-S08-R
(1)Packing Type
(2)Package Type
(3)Output Voltage Code
(1) R: Tape Reel
(2) S08: SOP-8, P08: TSSOP-8
(3) xx: Refer to SERIAL CODE LIST
(4) G: Halogen Free and Lead Free, L: Lead Free
(4)Green Package


Similar Part No. - US209BL-AC-S08-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
US20 MICROSEMI-US20 Datasheet
153Kb / 4P
RECTIFIERS ASSEMBLIES
logo
Unisonic Technologies
US2005 UTC-US2005 Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005 UTC-US2005 Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005G-AG6-R UTC-US2005G-AG6-R Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005G-AG6-R UTC-US2005G-AG6-R Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
More results

Similar Description - US209BL-AC-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B Datasheet
250Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Seiko Instruments Inc
S-8209A SII-S-8209A Datasheet
501Kb / 26P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-82T1A ABLIC-S-82T1A Datasheet
692Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com