Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB240L-AA-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UB240L-AA-S08-R
Description  LION BATTERY PROTECTION IC FOR 1-SERIAL 4-SERIAL-CELL PACK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB240L-AA-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UB240L-AA-S08-R Datasheet HTML 2Page - Unisonic Technologies UB240L-AA-S08-R Datasheet HTML 3Page - Unisonic Technologies UB240L-AA-S08-R Datasheet HTML 4Page - Unisonic Technologies UB240L-AA-S08-R Datasheet HTML 5Page - Unisonic Technologies UB240L-AA-S08-R Datasheet HTML 6Page - Unisonic Technologies UB240L-AA-S08-R Datasheet HTML 7Page - Unisonic Technologies UB240L-AA-S08-R Datasheet HTML 8Page - Unisonic Technologies UB240L-AA-S08-R Datasheet HTML 9Page - Unisonic Technologies UB240L-AA-S08-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
UB240
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R502-A07.b
TYPICAL APPLICATION CIRCUIT
(1) Connection Example 1 (for 4-cells)
BAT1
BAT2
BAT3
BAT4
R4
C4
C3
R3
R2
R1
C1
C2
VC1
VC2
VC3
VC4
VSS
OUT
UTC
UB240
Series
EB+
EB-
FET
DP
SC PROTECTOR
CD
CCD
RVCC
VCC
CVCC
Constants for External Components 1
SYMBOL
MIN
TYP
MAX
UNIT
R1 to R4
0
1 k
10 k
C1 to C4
0
0.1
1
μF
RVCC
0
100
1 k
CVCC
0
0.1
1
μF
CCD
0
0.1
1
μF
Notes:
1.
The above constants may be changed without notice.
2.
It has not been confirmed whether the operation is normal or not in circuits other than the above
example of connection. In addition, the example of connection shown above and the constant do
not guarantee proper operation. Perform through evaluation using the actual application to set the
constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com