Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2016 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UB2016
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2016 Datasheet(HTML) 1 Page - Unisonic Technologies

  UB2016 Datasheet HTML 1Page - Unisonic Technologies UB2016 Datasheet HTML 2Page - Unisonic Technologies UB2016 Datasheet HTML 3Page - Unisonic Technologies UB2016 Datasheet HTML 4Page - Unisonic Technologies UB2016 Datasheet HTML 5Page - Unisonic Technologies UB2016 Datasheet HTML 6Page - Unisonic Technologies UB2016 Datasheet HTML 7Page - Unisonic Technologies UB2016 Datasheet HTML 8Page - Unisonic Technologies UB2016 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UB2016
CMOS IC
www.unisonic.com.tw
1 of 13
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R502-869.B
ONE-CELL STANDALONE
LINEAR LITHIUM BATTERY
CHARGER
DESCRIPTION
UTC UB2016 is a complete, constant current and constant voltage
linear charger for single cell lithium-ion batteries. Its small size and
ability to regulate low charge currents make UTC UB2016 especially
well-suited for portable applications using low capacity rechargeable
lithium-ion coin cells. Furthermore, UTC UB2016 is specifically
designed to work within USB power specifications.
No external sense resistor is needed, and no blocking diode is
required due to the internal MOSFET architecture. The charge
voltage is fixed at 4.2V, and the charge current can be programmed
externally with a single resistor. UTC UB2016 automatically
terminates a charge cycle when the charge current drops to 1/10th
the programmed value after the final float voltage is reached.
FEATURES
* Programmable Charge Current Up to 500mA.
* No External MOSFET, Sense Resistor or Blocking Diode Required.
* Complete linear charger in ThinSOT Package for Single Cell / Coin Cell Lithium-lon Batteries.
* Constant Current / Constant Voltage Operation with Thermal Regulation to Maximize Charge Rate Without Risk
of Overheating.
* Charges Single Cell Li-lon Batteries Directly form USB Port.
* Preset 4.2V Charge Voltage with High Accuracy about ±1.2%.
* Automatic Recharge.
* 2.9V Trickle Charge Threshold.
* 20µA Supply Current in Shutdown Mode.
* Charge Status Output Pin.
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UB2016L-xx-AF5-R
UB2016G-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - UB2016

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2016 UTC-UB2016 Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016G-AA-AF5-R UTC-UB2016G-AA-AF5-R Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016G-XX-AF5-R UTC-UB2016G-XX-AF5-R Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016L-AA-AF5-R UTC-UB2016L-AA-AF5-R Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016L-XX-AF5-R UTC-UB2016L-XX-AF5-R Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
More results

Similar Description - UB2016

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2016 UTC-UB2016 Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2017 UTC-UB2017 Datasheet
278Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054 UTC-UB6054 Datasheet
247Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803 Datasheet
244Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_15 Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2017 UTC-UB2017_15 Datasheet
278Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054 UTC-UB6054_15 Datasheet
247Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803_15 Datasheet
243Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com