Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2421L-AG6-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UB2421L-AG6-R
Description  ONE CELL LITHIUM-ION POLYMER BATTERY PROTECTION IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2421L-AG6-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UB2421L-AG6-R Datasheet HTML 3Page - Unisonic Technologies UB2421L-AG6-R Datasheet HTML 4Page - Unisonic Technologies UB2421L-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB2421L-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB2421L-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB2421L-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB2421L-AG6-R Datasheet HTML 9Page - Unisonic Technologies UB2421L-AG6-R Datasheet HTML 10Page - Unisonic Technologies UB2421L-AG6-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
UB2421
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R502-321.f
DESCRIPTION OF OPERATION(Cont.)
9.
Release of Over Current (or Short Circuit ) Condition
While the protection IC remains in the Over current (or Short circuit ) condition, then if the load is removed or the
impedance between VBAT+ and VBAT- is larger than 500kΩ as well as VCSI<VOI1, M1 will be turned on and the back to
normal condition.
10.
DS Pin
By forcing DS to VDD, the delay time of the overcharge and overdischarge can be reduced to within 50ms;
therefore, testing time of protector circuit board can be reduced. 1.6MΩ pull down resistor is connected between DS
pin and VSS internally. DS pin should be open or connected to VSS in the actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com