Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB242DL-AG6-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UB242DL-AG6-R
Description  LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB242DL-AG6-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UB242DL-AG6-R Datasheet HTML 2Page - Unisonic Technologies UB242DL-AG6-R Datasheet HTML 3Page - Unisonic Technologies UB242DL-AG6-R Datasheet HTML 4Page - Unisonic Technologies UB242DL-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB242DL-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB242DL-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB242DL-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB242DL-AG6-R Datasheet HTML 9Page - Unisonic Technologies UB242DL-AG6-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
UB242
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 13
www.unisonic.com.tw
QW-R502-307.e
DESCRIPTION OF OPERATION
1.
Normal Condition
The voltage of the battery connected between VDD and VSS can be monitored by the UB242.The voltage
difference between CSI and VSS can sense the charge and discharge scheme. Under this condition: VODL<VDD<VOCU
and VCH<VCSI<VOI1, UB242 will turn on the M2 (charging) and M1 (discharging) control MOSFETs.
2.
Overcharge Condition
M2 will be turned off under this condition: the battery voltage becomes higher than the overcharge detection
voltage (VOCU) during normal charging condition through a delay time longer than TOC (the overcharge detection delay
time).
3.
Release of Overcharge Condition
Two ways to return to normal condition from overcharge condition:
(1.)
Under the condition: the battery is self discharging, and if VDD<VOCR and VOI1>VCSI>VCH occurs, UB242
will be back to normal condition.
(2.)
Connect UB242 to a load and remove the charger.
4.
Overdischarge Condition
M1 will be turned off to stop discharging when the battery voltage falls below the overdischarge detection voltage
(VODL) during discharging condition and through a delay time longer than TOD (the overdischarge detection delay
time).And then CSI will be pulled up to VDD through an internal resistance.When VCSI>VOI2,the chip will enter into
power-down mode. In this mode, the current consumption is lower than 0.1μA.
5.
Release of Power-down mode
There are two ways back to normal condition:
(1.)
If VCSI<VCH (Charger detection), when VDD>VODL
(2.)
If VCH<VCSI<VOI2, the condition VDD>VODR
6.
Charger Detection
Charger detection is this action: while connecting to a charger after entering into power-down mode, then if
VDD<VCH, M1 will be turned on when VDD>VODL, and then the system will be back to normal condition as described in
1) of previous section.
7.
Abnormal Charge Current Condition
The abnormal charge current condition is when a charger is connected to the battery system in normal condition,
then if VDD<VOCU and VCSI<VCH occurs through a delay time than TOC (delay time of overcharge detection), and in this
condition M2 will be turned off to stop this charging status.
8.
Over Current/Short Circuit Condition
The over current (or short circuit) condition is when the current is too large during discharging under normal
condition as a result of the voltage detected by CSI is greater than VOI1 (or VOI2) through a delay time TOI1 (TOI2).In this
over current (or short circuit) condition: M1 will be turned off and CSI will be pulled down to VSS through an internal
resistance.
9.
Release of Over Current/Short Circuit Condition
If the load is removed or the impedance between VBAT+ and VBAT- is larger than 500kΩ as well as VCSI<VOI1, M1
will be turned on and the back to normal condition.
10. DS Pin
The delay time of the overcharge and overdischarge can be reduced to within 50ms by forcing DS to VDD. A
1.6MΩ pull down resistor should be connected between DS pin and VSS internally. In the actual application DS pin
should be left open or connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com