Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US236HL-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # US236HL-S08-R
Description  POWER MULTIPLEXER FOR USB HIGH SIDE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US236HL-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  US236HL-S08-R Datasheet HTML 1Page - Unisonic Technologies US236HL-S08-R Datasheet HTML 2Page - Unisonic Technologies US236HL-S08-R Datasheet HTML 3Page - Unisonic Technologies US236HL-S08-R Datasheet HTML 4Page - Unisonic Technologies US236HL-S08-R Datasheet HTML 5Page - Unisonic Technologies US236HL-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
US236H
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R103-152.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
Current Limit Threshold for Q2
750
1500
mA
Current Limit Threshold for Q1
2.3
4.6
A
OC# Ouptpt Low Voltage
ICC#=5mA
0.4
V
Off State Current
VCC#=5.5V
1
uA
OC# assertion
19
ms
OC# Deglitch
OC# de-assertion
850
us
SOFTSTART
S3#=0V, COUT=10uF, No Load
1.3
ms
Output Voltage Ramp Up Time
S3#=5VCC=5V, COUT=10uF, No load
1.3
ms
OVER TEMPERATURE PROTECTION
Thermal Shutdown Threshold Level
By Design
135
°C
Thermal Shutdown Hysteresis
By Design
30
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com