Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB242GL-AG6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UB242GL-AG6-R
Description  LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB242GL-AG6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UB242GL-AG6-R Datasheet HTML 1Page - Unisonic Technologies UB242GL-AG6-R Datasheet HTML 2Page - Unisonic Technologies UB242GL-AG6-R Datasheet HTML 3Page - Unisonic Technologies UB242GL-AG6-R Datasheet HTML 4Page - Unisonic Technologies UB242GL-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB242GL-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB242GL-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB242GL-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB242GL-AG6-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UB242
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 13
www.unisonic.com.tw
QW-R502-307.e
MARKING
P42X
1
23
4
5
6
Voltage Code:
A, B, C, D, E, F, H
L: Lead Free
G: Halogen Free
P42G
1
23
4
5
6
Voltage Code
L: Lead Free
P: Halogen Free
PIN CONFIGURATION
PIN DESCRIPTION
SERIAL CODE LIST
Model
Code
Overcharge
Detection
Voltage
[VOCU](V)
Overcharge
Release
Voltage
[VOCR](V)
Over discharge
Detection
Voltage
[VODL](V)
Over discharge
Release
Voltage
[VODR](V)
Over Current
Detection
Voltage
[VOI1](mV)
A
4.325±0.050
4.075±0.050
2.50±0.10
2.90±0.10
100±30
B
4.350±0.050
4.150±0.050
2.30±0.10
3.00±0.10
100±30
C
4.325±0.050
4.075±0.050
2.50±0.10
2.90±0.10
150±30
D
4.300±0.050
4.080±0.050
2.50±0.10
2.90±0.10
150±30
E
4.300±0.050
4.080±0.050
2.50±0.10
2.90±0.10
100±30
F
4.275±0.050
4.175±0.050
2.30±0.08
2.45±0.08
100±30
G
4.280±0.050
4.175±0.050
2.90±0.10
3.00±0.10
150±30
UB242
H
4.250±0.050
4.055±0.050
2.25±0.10
2.85±0.10
150±30
PIN NO
PIN NAME
DESCRIPTION
1
OD
For discharge control: FET gate connection pin
2
CSI
For current sense Input pin, and charge detect
3
OC
For charge control :FET gate connection pin
4
DS
For reduce delay time: test pin
5
VDD
Positive power input
6
VSS
Negative power input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com