Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2012BL-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UB2012BL-S08-R
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2012BL-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UB2012BL-S08-R Datasheet HTML 5Page - Unisonic Technologies UB2012BL-S08-R Datasheet HTML 6Page - Unisonic Technologies UB2012BL-S08-R Datasheet HTML 7Page - Unisonic Technologies UB2012BL-S08-R Datasheet HTML 8Page - Unisonic Technologies UB2012BL-S08-R Datasheet HTML 9Page - Unisonic Technologies UB2012BL-S08-R Datasheet HTML 10Page - Unisonic Technologies UB2012BL-S08-R Datasheet HTML 11Page - Unisonic Technologies UB2012BL-S08-R Datasheet HTML 12Page - Unisonic Technologies UB2012BL-S08-R Datasheet HTML 13Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
UB2012
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 17
www.unisonic.com.tw
QW-R121-018 .G
APPLICATION INFORMATION(Cont.)
Fig. 4 0.5-A Charger Using P-Channel MOSFET
DC+
C1
10μF
RSNS
0.2Ω
R2
1kΩ
UTC
UB2012
CC
SNS
VCC
VSS
STAT
TS
BAT
COMP
R4
511Ω
R5
1kΩ
R3
1kΩ
RT2
TEMP
PACK-
C2
10μF
PACK+
NTC
Battery
Pack
CMD67-
22SRU
Q1
UT4101
D1
VCC
VCC
RT1
GND
CURRENT REGULATION PHASE
When the battery-pack voltage is less than the regulation voltage, VO(REG), the current is regulated by the UTC
UB2012
. This advanced linear charge management IC monitors charge current at the SNS input by the voltage drop
across a sense-resistor, RSNS, in series with the battery pack. In current sensing configuration (Fig. 5), RSNS is
between the VCC and SNS pins. Charge-current feedback, applied through pin SNS, maintains a voltage of VSNS
across the current sense resistor. The following formula calculates the value of the sense resistor:
O(REG)
(SNS)
SNS
I
V
R
(1)
Where IO(REG) is the desired charging current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com