Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C14151 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C14151
Description  Strada Tape
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14151 Datasheet(HTML) 2 Page - Ledil, Inc.

  C14151 Datasheet HTML 1Page - Ledil, Inc. C14151 Datasheet HTML 2Page - Ledil, Inc. C14151 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures: class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
2:1 WEIGHT
(g)
SHEET
1/1
SIZE
A3
DRAWING TITLE
Datasheet_STRADA-2X2-TAPE
PART NUMBER
C14151
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
Top view
Thickness 0.4mm
47.8 5
7.8 3
1.7
5
R
Compatible with following products:
C12362_STRADA-2X2-DWC
C12419_STRADA-2X2-A-T
C13936_STRADA-2X2-B2-STP
C13499_STRADA-2X2-CY
C13299_STRADA-2X2-ME
C13300_STRADA-2X2-T2
C13301_STRADA-2X2-T3
C13604_STRADA-2X2-FN
C13805_STRADA-2X2-T4
C13858_STRADA-2X2-XW
C13937_STRADA-2X2-C-STP
C14164_STRADA-2X2-ME-WIDE1
C13232_HB-2X2-WW
C13233_HB-2X2-M
C12361_HB-2X2-W
C13605_HB-2X2-RW
C13749_HB-2X2-O
C13237_HB-2X2-WW-BLIND
C13239_HB-2X2-M_BLIND
17.5 7
42.9 7
Isometric view



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com