Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS16619 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS16619
Description  ~120째 wide beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS16619 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS16619 Datasheet HTML 1Page - Ledil, Inc. CS16619 Datasheet HTML 2Page - Ledil, Inc. CS16619 Datasheet HTML 3Page - Ledil, Inc. CS16619 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CS16619_DAHLIA-TL110
DAHLIA-TL110
~120° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
321.0 x 80.5 mm
Height
11 mm
Fastening
screw
Colour
clear
Box size
343 x 343 x 298 mm
Box weight
7.7 kg
Quantity in Box
80 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
DAHLIA-TL110
Lens array
PMMA
DAHLIA-TL-SEAL
Seal
Silicone
Last update: 28/09/2018
Subject to change without prior notice
Published: 01/10/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - CS16619

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS166125 ETC-CS166125 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS16619

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP15313 LEDIL-CP15313 Datasheet
3Mb / 6P
~55째 wide beam.
CN17388 LEDIL-CN17388 Datasheet
4Mb / 4P
~50째 wide beam
CN17387 LEDIL-CN17387 Datasheet
4Mb / 4P
~80째 wide beam
CA13498 LEDIL-CA13498 Datasheet
5Mb / 6P
~60째 wide beam
C13032 LEDIL-C13032 Datasheet
2Mb / 5P
~60째 wide beam
DAISY-2X2-W LEDIL-DAISY-2X2-W Datasheet
5Mb / 7P
~50째 wide beam
DAISY-2X2-WW LEDIL-DAISY-2X2-WW Datasheet
5Mb / 7P
~80째 wide beam
DAISY-7X1-WW LEDIL-DAISY-7X1-WW Datasheet
10Mb / 9P
~80째 wide beam
F13701 LEDIL-F13701 Datasheet
6Mb / 14P
~35째 wide beam
C16830 LEDIL-C16830 Datasheet
2Mb / 4P
~60째 wide beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com