Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS001 Datasheet(PDF) 1 Page - Microchip Technology

Part # GS001
Description  Getting Started with BLDC Motors and dsPIC30F Devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GS001 Datasheet(HTML) 1 Page - Microchip Technology

  GS001 Datasheet HTML 1Page - Microchip Technology GS001 Datasheet HTML 2Page - Microchip Technology GS001 Datasheet HTML 3Page - Microchip Technology GS001 Datasheet HTML 4Page - Microchip Technology GS001 Datasheet HTML 5Page - Microchip Technology GS001 Datasheet HTML 6Page - Microchip Technology GS001 Datasheet HTML 7Page - Microchip Technology GS001 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Microchip Technology Inc.
DS93001A-page 1
GS001
INTRODUCTION
As a means of reducing high energy and maintenance
costs in motor control applications, BLDC motors are
seeing a resurgence in applications where efficiency
and reliability are important. The dsPIC30F motor con-
trol devices are ideally suited to drive and control a
wide range of BLDC motor types, in a large number of
applications. Microchip has developed a number of
solutions using the dsPIC30F and BLDC motors. This
document will help you select an appropriate solution
for your BLDC motor application.
BLDC MOTOR BASICS
DC brush motors have a permanent magnet on the
stator with the motor winding on the rotor. During rota-
tion, the current in the windings is reversed using
mechanical carbon brushes and a commutator located
on the rotor. The BLDC motor has permanent magnets
on the rotor with the electrical windings on the stator.
The first obvious advantage of the BLDC motor is the
elimination
of
the
mechanical
commutator
and
brushes, which significantly improves mechanical
reliability. The commutator and brushes in DC motors
also give rise to sparking, so eliminating these
components means that BLDC motors can operate in a
harsh environment. The I2R heat losses in the windings
of a BLDC motor are now on the stator and can be
dissipated very easily. Consequently, efficiency of the
BLDC motor is vastly improved.
There are, however, some challenges when spinning a
BLDC motor. Firstly, a revolving electrical field has to
be created in the windings, which also has to be well
aligned with the magnetic field on the rotor. The
efficiency of the BLDC motor depends largely on the
alignment of the revolving electrical field to the
magnetic field on the rotor. To sense the magnetic field,
Hall sensors are normally used. Based on the signal
presented by the Hall sensors, the windings are appro-
priately excited. As the speed of the rotor increases,
however, there is a certain amount of lag between the
voltage excitation and the current effect on the
windings due to the inductance of the windings. To
overcome this lag, the voltage is initiated a little in
advance. This phenomenon is known as phase
advance and is implemented mainly in software at high
speeds of rotation. The result of phase advance is
better efficiency in the BLDC motor operation.
Sensored BLDC Motor Control
When driving a BLDC motor, it is important to know the
position of the magnetic rotor with reference to the
stator. Most commonly, Hall effect sensors are used to
generate feedback on the rotor position. This type of
control is called sensored BLDC motor control. Most
BLDC motors have three windings. Based on the
position of the magnetic rotor, two windings are ener-
gized at a given time with each phase conducting for
120 electrical revolution degrees, resulting in six
distinct combinations of energization. This type of drive
is called “trapezoidal” or “six-step commutation”.
SIX-STEP COMMUTATION
Figure 1 depicts
a typical six-step commutation
scheme with the Hall sensor output overlay. Six-step
commutation offers a simple, yet efficient, method of
driving a BLDC motor. Hall A (HA), Hall B (HB) and Hall
C (HC) sense the position of the rotor with respect to
the windings, R, Y and B. Depending on the Hall sensor
reading from 1 to 6, an appropriate pair of windings is
driven high and low with the third winding not driven.
Each 360 degree electrical cycle is broken down to six
60 degree electrical sectors, in which one winding is
driven high, a second is driven low and the third is not
driven. Example: In Hall position 6 or sector 1, the R
winding is driven high while the B winding is driven low
and the Y winding is not driven. By reading the Hall
sensors, the six-step commutation algorithm can very
easily be implemented in software.
FIGURE 1:
TYPICAL SIX-STEP
COMMUTATION
Author:
Stan D’Souza
Microchip Technology Inc.
HA
R
HB
Y
HC
B
5
5
0
1
2
3
4
501
4
6
2
3
1
546
Sector
Hall
60°
Getting Started with BLDC Motors and dsPIC30F Devices


Similar Part No. - GS001

ManufacturerPart #DatasheetDescription
logo
AG Electronica
GS00101001 AGELECTRONICA-GS00101001 Datasheet
1Mb / 5P
ESTERILIZADOR DE PASAMANOS LED UVC 270-285NM
Version 1.0
More results

Similar Description - GS001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN009 ETC2-AN009 Datasheet
236Kb / 6P
Getting Started with the KXPS5
logo
STMicroelectronics
UM0034 STMICROELECTRONICS-UM0034 Datasheet
2Mb / 39P
Getting Started
12-Mar-2009
logo
ATMEL Corporation
ATSTK600 ATMEL-ATSTK600 Datasheet
329Kb / 1P
Getting Started Guide
logo
STMicroelectronics
AN3995 STMICROELECTRONICS-AN3995 Datasheet
372Kb / 49P
Getting started tutorial
17-Sep-2013
UM0284 STMICROELECTRONICS-UM0284 Datasheet
437Kb / 11P
Getting started with the STUSB03E
04-Jun-2009
AN2752 STMICROELECTRONICS-AN2752 Datasheet
2Mb / 40P
Getting started with the STM8S and STM8A
31-Aug-2011
AN3029 STMICROELECTRONICS-AN3029 Datasheet
1Mb / 42P
Getting started with STM8L and STM8AL
23-Jul-2013
AN3342 STMICROELECTRONICS-AN3342 Datasheet
1Mb / 39P
Getting started with STM8TL5xxx
05-Sep-2012
logo
Ramtron International C...
AN91267 RAMTRON-AN91267 Datasheet
3Mb / 62P
Getting Started with PSoC
logo
STMicroelectronics
UM2096 STMICROELECTRONICS-UM2096 Datasheet
1Mb / 22P
Getting started with ST25DV-DISCOVERY
MB1285
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com