Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN402SI Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDN402SI
Description  2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN402SI Datasheet(HTML) 1 Page - IXYS Corporation

  IXDN402SI Datasheet HTML 1Page - IXYS Corporation IXDN402SI Datasheet HTML 2Page - IXYS Corporation IXDN402SI Datasheet HTML 3Page - IXYS Corporation IXDN402SI Datasheet HTML 4Page - IXYS Corporation IXDN402SI Datasheet HTML 5Page - IXYS Corporation IXDN402SI Datasheet HTML 6Page - IXYS Corporation IXDN402SI Datasheet HTML 7Page - IXYS Corporation IXDN402SI Datasheet HTML 8Page - IXYS Corporation IXDN402SI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
First Release
Copyright © IXYS CORPORATION 2002
Features
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes
• Latch-Up Protected Over Entire
OperatingRange
• High Peak Output Current: 2A Peak
• Wide Operating Range: 4.5V to 25V
• High Capacitive Load
Drive Capability: 1000pF in <10ns
• Matched Rise And Fall Times
• Low Propagation Delay Time
• Low Output Impedance
• Low Supply Current
• Two Drivers in Single Chip
Applications
• Driving MOSFETs and IGBTs
• Motor Controls
• LineDrivers
• Pulse Generators
• Local Power ON/OFF Switch
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• PulseTransformerDriver
• Class D Switching Amplifiers
General Description
The IXDN402/IXDI402/IXDF402 consists of two 2 Amp
CMOS high speed MOSFET drivers. Each output can
source and sink 2A of peak current while producing voltage
rise and fall times of less than 15ns to drive the latest IXYS
MOSFETs & IGBTs. The input of the driver is TTL or CMOS
compatible and is fully immune to latch up over the entire
operating range. A patent-pending circuit virtually eliminates
cross conduction and current shoot-through. Improved
speed and drive capabilities are further enhanced by very
low and matched rise and fall times.
The IXDN402 is configured as a dual non-inverting gate
driver, the IXDI402 as a dual inverting gate driver, and the
IXDF402 as a dual inverting + non-inverting gate driver.
TheIXDN402/IXDI402/IXDF402familyareavailableinthe
standard 8 pin P-DIP (PI), SOP-8 (SIA) and SOP-16 (SIA-
16) packages. For enhanced thermal performance, the
SOP-8 and SOP-16 are also available with an exposed
grounded backmetal package as the SI and SI-16 respec-
tively.
IXDN402 / IXDI402 / IXDF402
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
Ordering Information
NOTE: Mounting or solder tabs on all packages are connected to ground
Part Number
Package Type
Temp. Range
Configuration
IXDN402PI
8-Pin PDIP
IXDN402SI
8-Pin SOIC with Grounded Backmetal
IXDN402SIA
8-Pin SOIC
IXDN402SI-16
16-Pin SOIC with Grounded Backmetal
IXDN402SIA-16
16-Pin SOIC
-55
°C to
+125
°C
Dual Non
Inverting
IXDI402PI
8-Pin PDIP
IXDI402SI
8-Pin SOIC with Grounded Backmetal
IXDI402SIA
8-Pin SOIC
IXDI402SI-16
16-Pin SOIC with Grounded Backmetal
IXDI402SIA-16
16-Pin SOIC
-55
°C to
+125
°C
Dual Inverting
IXDF402PI
8-Pin PDIP
IXDF402SI
8-Pin SOIC with Grounded Backmetal
IXDF402SIA
8-Pin SOIC
IXDF402SI-16
16-Pin SOIC with Grounded Backmetal
IXDF402SIA-16
16-Pin SOIC
-55
°C to
+125
°C
Inverting + Non
Inverting


Similar Part No. - IXDN402SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN402SI IXYS-IXDN402SI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402SI-16 IXYS-IXDN402SI-16 Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IXDN402SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI404 IXYS-IXDI404 Datasheet
246Kb / 10P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXD_604 CLARE-IXD_604 Datasheet
1Mb / 13P
4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN502SIA IXYS-IXDN502SIA Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IX4426 IXYS-IX4426 Datasheet
245Kb / 13P
1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF504 IXYS-IXDF504 Datasheet
415Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDR502 IXYS-IXDR502 Datasheet
216Kb / 11P
2 Ampere Single Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com