Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN402SI-16 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXDN402SI-16
Description  2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN402SI-16 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IXDN402SI-16 Datasheet HTML 2Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 3Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 4Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 5Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 6Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 7Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 8Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 9Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
IXDN402 / IXDI402 / IXDF402
Supply Current vs. Load Capacitance
Vcc = 18V
0
10
20
30
40
50
60
70
80
90
100
100
1000
10000
Load Capacitance (pF)
10 kHz
50 kHz
100 kHz
500 kHz
1 MHz
2 MHz
SupplyCurrent vs. Frequency
Vcc =12V
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
Frequency(kHz)
100 pF
470 pF
1000 pF
2200 pF
3900 pF
6800 pF
SupplyCurrent vs. Frequency
Vcc =18V
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
Frequency(kHz)
100 pF
470 pF
1000 pF
3900 pF
6800 pF
2200 pF
Supply Current vs. Load Capacitance
Vcc = 12V
0
10
20
30
40
50
60
70
80
90
100
100
1000
10000
Load Capacitance (pF)
10 kHz
50 kHz
100 kHz
500 kHz
1 Mhz
2 MHz
Fig. 10
Fig. 12
Fig. 14
Supply Current vs. Load Capacitance
Vcc = 8V
0
10
20
30
40
50
60
70
80
90
100
100
1000
10000
Load Capacitance (pF)
10 kHz
50 kHz
H
100 kHz
500 kHz
1 MHz
2 MHz
SupplyCurrent vs. Frequency
Vcc = 8V
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
Frequency(kHz)
100 pF
470 pF
1000 pF
2200 pF
3900 pF
6800 pF
Fig. 9
Fig. 11
Fig. 13



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com