Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA04713 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA04713
Description  SAW Filter 902.5MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA04713 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA04713 Datasheet HTML 1Page - Golledge Electronics Ltd MA04713 Datasheet HTML 2Page - Golledge Electronics Ltd MA04713 Datasheet HTML 3Page - Golledge Electronics Ltd MA04713 Datasheet HTML 4Page - Golledge Electronics Ltd MA04713 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 902.5MHz
Model: TA0143A
Part No: MA04713
Rev No: 3
TA0143A v3
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 0V
3. Operating Temperature: -25°C to +75°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Specification
Characteristics
Min.
Typ.
Max
Note
Center frequency Fc MHz
-
902.5
-
-
Insertion loss (890 ~ 915MHz) IL dB
-
2.9
3.5
-
VSWR (890 ~ 915MHz )
-
1.5
2.3
-
Ripple (890 ~ 915MHz ) dB
-
0.5
1.5
-
Attenuation: (Reference level from 0dB)
1. 0 ~ 845MHz dB
45
51.0
-
-
2. 925 ~ 935MHz dB
5
21.0
-
-
3. 935 ~ 980MHz dB
25
28.0
-
-
4. 980 ~ 1200MHz dB
50
56.0
-
-
5. 1200 ~ 3000MHz dB
25
28.0
-
Impedance at Fc
Input ZIN = RIN // CIN
50
Ω // 0PF
1
Output ZOUT = ROUT // COUT
50
Ω // 0PF
1
Note1. No matching network required for operation at 50
Ω


Similar Part No. - MA04713

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA04711 GOLLEDGE-MA04711 Datasheet
136Kb / 7P
SAW Filter 947.5 MHz for Mobile Communication
MA04712 GOLLEDGE-MA04712 Datasheet
181Kb / 9P
SAW Filter 947.5 MHz For GSM
More results

Similar Description - MA04713

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0143A TAI-SAW-TA0143A Datasheet
973Kb / 6P
SAW Filter 902.5MHz
TA0372A TAI-SAW-TA0372A Datasheet
477Kb / 6P
SAW Filter 902.5MHz SMD 3.0횞3.0mm
TA0747A TAI-SAW-TA0747A Datasheet
953Kb / 7P
SAW Filter 902.5MHz
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT90303 SIPAT-LBT90303 Datasheet
358Kb / 3P
902.5MHz SAW Filter 25MHz Bandwidth
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MP02535 GOLLEDGE-MP02535 Datasheet
81Kb / 6P
SAW Filter 902.5MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com