Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK601B Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK601B
Description  WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK601B Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK601B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK601B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK601B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK601B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK601B Datasheet HTML 5Page - M.S. Kennedy Corporation MSK601B Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APPLICATION NOTES
The MSK 601 employs a circuit topology known as "feed
forward". This inverting configuration allows the user to real-
ize the excellent D.C. input characteristics of a differential am-
plifier without losing system bandwidth. The incoming signal
is split at the input into its A.C. and D.C. component. The D.C.
component is allowed to run through the differential amplifier
where any common mode noise is rejected. The A.C. compo-
nent is "fed forward" to the output section through a very high
speed linear amplifier where it is mixed back together with the
D.C. component. The result is an amplifier with most of the
benefits of a differential amplifier without the loss in system
bandwidth.
FEED FORWARD TOPOLOGY
Figure 2
HIGH VOLTAGE SUPPLIES
The positive and negative high voltage supplies on the MSK
601 can be adjusted to reduce power dissipation. The output
of the MSK 601 will typically swing to within 8V of either high
voltage power supply rail. Therefore, if the system in question
only needs the output of the amplifier to swing ±40V peak,
the power supply rails could be set to ±50V. For best perfor-
mance, the minimum value of ±VHV should be ±50VDC. Un-
balanced power supply rails are also allowed as long as one or
the other is not decreased to below 30V or above 150V. The
high voltage and low voltage power supplies should be decoupled
as shown in Figure 1.
Transition time optimization of the MSK 601 follows the same
basic rules as most any other amplifier. Best transition times
will be realized with minumum load capacitance, minimum ex-
ternal feedback resistance and lowest circuit gain. Transition
times will degrade if the output is driven too close to either
supply rail. Feedback and input resistor values will affect tran-
sition time as well. See Figure 1 and Table 1 for recommended
component values.
TRANSITION TIMES
1KΩ
Ω
Ω
Ω
Ω
499Ω
Ω
Ω
Ω
Ω
402Ω
Ω
Ω
Ω
Ω
-RIN
-10V/V
-20V/V
-50V/V
CF
0.5-5pF
N/A
N/A
10KΩ
Ω
Ω
Ω
Ω
10KΩ
Ω
Ω
Ω
Ω
20KΩ
Ω
Ω
Ω
Ω
VOLTAGE
GAIN
RF
Table 1
Figure 1
INTERNAL COMPENSATION
Since the MSK 601 is a high voltage amplifier, it is com-
monly used in circuits employing large gains. Therefore, the
internal compensation was chosen for gains of -5V/V or greater.
In circuits running at gains of less than -5V/V, the user can
further compensate the device by adding compensation net-
works at the input or feedback node. Pin 1 (comp) should be
bypassed with a 0.1uF ceramic capacitor to +VHV for all appli-
cations.
Figure 2 is the recommended active short circuit protection
scheme for the MSK 601. The following formula may be used
for setting current limit:
Current Limit ≈ 0.6V / Rsc
RBASE must be selected based on the value of ±VHV as fol-
lows:
RBASE = ((+VHV - (-VHV)) - 1.2V) / 4mA
This formula guarantees that Q2 and Q4 will always have suf-
ficient base current to be in operation. This circuit can be made
tolerant of high frequency output current spikes with the addi-
tion of CSC. The corresponding time constant would be:
T = (RSC) (CSC)
A common value for CSC is approximately 1000pF. If current
limit is unnecessary, short pin 7 to pin 8 and pin 11 to pin 12 as
shown in Figure 1.
CURRENT LIMIT
Rev. A 8/00
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com