Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP220N075T Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP220N075T
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP220N075T Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP220N075T Datasheet HTML 1Page - IXYS Corporation IXTP220N075T Datasheet HTML 2Page - IXYS Corporation IXTP220N075T Datasheet HTML 3Page - IXYS Corporation IXTP220N075T Datasheet HTML 4Page - IXYS Corporation IXTP220N075T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2006 IXYS CORPORATION All rights reserved
IXTA220N075T
IXTP220N075T
IXYS REF: T_220N075T (61) 11-20-06-B.xls
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
20
25
30
35
40
45
50
55
60
65
70
75
24
26
28
30
32
34
36
38
40
42
44
46
48
50
ID - Amperes
RG = 3.3
Ω
VGS = 10V
VDS = 37.5V
TJ = 125ºC
TJ = 25ºC
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
25
30
35
40
45
50
55
60
65
70
75
2
4
6
8
101214
161820
RG - Ohms
20
40
60
80
100
120
140
160
180
200
220
t r
td(on)
- - - -
TJ = 125ºC, VGS = 10V
VDS = 37.5V
ID = 25A
I D = 50A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
44.0
44.5
45.0
45.5
46.0
46.5
47.0
47.5
48.0
48.5
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
48
52
56
60
64
68
72
76
80
84
t f
td(off)
- - - -
RG = 3.3
Ω, VGS = 10V
VDS = 37.5V
I D = 25A
I D = 50A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
44
45
46
47
48
49
24
26
28
30 32
34
36
38
40
42 44
46
48
50
ID - Amperes
45
50
55
60
65
70
75
80
85
90
95
t f
td(off) - - - -
RG = 3.3
Ω, VGS = 10V
VDS = 37.5V
TJ = 125ºC
TJ = 25ºC
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
20
25
30
35
40
45
50
55
60
65
70
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 3.3
Ω
VGS = 10V
VDS = 37.5V
I D = 50A
I D = 25A
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
30
50
70
90
110
130
150
170
190
210
2
4
6
8
10
12
14
16
18
20
RG - Ohms
70
100
130
160
190
220
250
280
310
340
t f
td(off)
- - - -
TJ = 125ºC, VGS = 10V
VDS = 37.5V
I D = 50A
I D = 25A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com