Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-P033DS50 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTPL-P033DS50
Description  High power LED light source
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P033DS50 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTPL-P033DS50 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-P033DS50 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-P033DS50 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P033DS50 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P033DS50 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P033DS50 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P033DS50 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P033DS50 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P033DS50 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P033DS50
Page:
2
of
13
BNC-OD-C131/A4
3. Rating and Characteristics
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Rating
Unit
Power Dissipation
Po
1.6
W
Forward Current
IF
500
mA
Forward Pulse Current
IFP
500
mA
Reverse Voltage
VR
5
V
Junction Temperature
Tj
105
°C
Thermal Resistance, Junction-Case
Rth, J-C
4.8
°C/W
Thermal Resistance, Junction-Ambient
Rth, J-A
13.5
°C/W
Operating Temperature Range
Topr
-40 - 85
°C
Storage Temperature Range
Tstg
-40 - 125
°C
Notes
1.
The pulse mode condition is 1/10 duty cycle with 100 msec pulse width.
2.
Forbid to operating at reverse voltage condition for long.
3.
The location of case temperature is the thermal PAD temperature around of LED sample.
4.
The location of ambient temperature is the air temperature in the chamber.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com