Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN40N110Q3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN40N110Q3
Description  N-Channel Enhancement Mode Fast Intrinsic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN40N110Q3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN40N110Q3 Datasheet HTML 1Page - IXYS Corporation IXFN40N110Q3 Datasheet HTML 2Page - IXYS Corporation IXFN40N110Q3 Datasheet HTML 3Page - IXYS Corporation IXFN40N110Q3 Datasheet HTML 4Page - IXYS Corporation IXFN40N110Q3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
1100
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
1100
V
V
GSS
Continuous
30
V
V
GSM
Transient
40
V
I
D25
T
C = 25C
35
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
100
A
I
A
T
C = 25C
40
A
E
AS
T
C = 25C4
J
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150C
50
V/ns
P
D
T
C = 25C
960
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
V
ISOL
50/60 Hz, RMS, t = 1minute
2500
V~
I
ISOL 1mA,
t = 1s
3000
V~
M
d
Mounting Torque for Base Plate
1.5/13
Nm/lb.in
Terminal Connection Torque
1.3/11.5
Nm/lb.in
Weight
30
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
1100
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.5
6.5
V
I
GSS
V
GS = 30V, VDS = 0V
200 nA
I
DSS
V
DS = VDSS, VGS = 0V
50
A
T
J = 125C
3 mA
R
DS(on)
V
GS = 10V, ID = 20A, Note 1
260 m
HiperFETTM
Power MOSFET
Q3-Class
IXFN40N110Q3
V
DSS
=
1100V
I
D25
=
35A
R
DS(on)

260m
DS100597(02/14)
N-Channel Enhancement Mode
Fast Intrinsic Rectifier
Features
International Standard Package
Low Intrinsic Gate Resistance
miniBLOC with Aluminum Nitride
Isolation
Low Package Inductance
Fast Intrinsic Rectifier
Low R
DS(on) and QG
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
DC-DC Converters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
DC Choppers
Temperature and Lighting Controls
miniBLOC
E153432
G
D
S
S
G = Gate
D = Drain
S = Source
Either Source Terminal S can be used as
the Source Terminal or the Kelvin Source
(Gate Return) Terminal.
Advance Technical Information


Similar Part No. - IXFN40N110Q3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
141Kb / 5P
Power MOSFET
IXFN40N110P IXYS-IXFN40N110P_V01 Datasheet
141Kb / 5P
Power MOSFET
More results

Similar Description - IXFN40N110Q3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN44N80Q3 IXYS-IXFN44N80Q3 Datasheet
129Kb / 2P
N-Channel Enhancement Mode Fast Intrinsic Rectifier Avalanche Rated
MMIX1F40N110P IXYS-MMIX1F40N110P Datasheet
184Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
MMIX2F150N20T IXYS-MMIX2F150N20T Datasheet
267Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFB210N30P3 IXYS-IXFB210N30P3 Datasheet
141Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXTA140N12T2 IXYS-IXTA140N12T2 Datasheet
210Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFB40N110Q3 IXYS-IXFB40N110Q3 Datasheet
143Kb / 5P
N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXFR32N100Q3 IXYS-IXFR32N100Q3 Datasheet
147Kb / 5P
N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXFR64N60Q3 IXYS-IXFR64N60Q3 Datasheet
149Kb / 5P
N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXFR24N100Q3 IXYS-IXFR24N100Q3 Datasheet
148Kb / 5P
N-Channel Enhancement Mode Fast Intrinsic Rectifier
IXFN32N100Q3 IXYS-IXFN32N100Q3 Datasheet
130Kb / 5P
N-Channel Enhancement Mode Fast Intrinsic Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com